Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC573015A Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC573015A
Description  4-bit Single Chip Microcontroller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC573015A Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC573015A Datasheet HTML 4Page - Sanyo Semicon Device LC573015A Datasheet HTML 5Page - Sanyo Semicon Device LC573015A Datasheet HTML 6Page - Sanyo Semicon Device LC573015A Datasheet HTML 7Page - Sanyo Semicon Device LC573015A Datasheet HTML 8Page - Sanyo Semicon Device LC573015A Datasheet HTML 9Page - Sanyo Semicon Device LC573015A Datasheet HTML 10Page - Sanyo Semicon Device LC573015A Datasheet HTML 11Page - Sanyo Semicon Device LC573015A Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
No. 5899-9/12
LC573010A, 573015A
Recommended Operating Range at Ta = –30 to +70°C, VSS = 0 V
Figure.2 : CR Oscillation Circuit
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
2.3
6.0
V
Input high level voltage
VIH1
S1 to S4, M1 to M4, P00 to P03, P10 to P13, P20, P21
0.7VDD
VDD
V
(P0, P1, P2 ports are input mode)
Input low level voltage
VIL1
VSS
0.3VDD
V
Input high level voltage
VIH2
RES
0.75VDD
VDD
V
Input low level voltage
VIL2
0
0.25VDD
V
Operation frequency
fOPG
At CR oscillation, Figure.2
380
455
500
kHz


Numéro de pièce similaire - LC573015A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC573102A SANYO-LC573102A Datasheet
181Kb / 16P
   4-bit Single Chip Microcontroller
LC573104A SANYO-LC573104A Datasheet
181Kb / 16P
   4-bit Single Chip Microcontroller
LC5732 SANYO-LC5732 Datasheet
442Kb / 14P
   4-Bit Microcomputer with LCD Driver
LC573202A SANYO-LC573202A Datasheet
622Kb / 18P
   4-Bit Microcontroller with 2K-Byte ROM, 64 횞 4Bits RAM and LCD Driver
LC5732H SANYO-LC5732H Datasheet
442Kb / 14P
   4-Bit Microcomputer with LCD Driver
More results

Description similaire - LC573015A

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com