Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF1000CT Datasheet(Fiches technique) 2 Page - Pan Jit International Inc.

Numéro de pièce UF1000CT
Description  ULTRAFAST RECOVERY RECTIFIERS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF1000CT Datasheet(HTML) 2 Page - Pan Jit International Inc.

  UF1000CT Datenblatt HTML 1Page - Pan Jit International Inc. UF1000CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-MAR.05.2009
UF1000CT~UF1006CT
Fig.3 FORWARD CHARACTERISTICS
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.2 TYPICAL JUNCTION CAPACITANCES
Fig.5 PEAK FORWARD SURGE CURRENT
Fig.4 TYPICAL REVERSE CHARACTERISTICS
FORWARD VOLTAGE, volts
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
CASE TEMPERATURE, C
O
RATING AND CHARACTERISTIC CURVES
0
50
100
150
12.5
10.0
7.5
5.0
2.5
0
1
2
5 10 20
50 100
150
120
90
60
180
30
0
200 500
T
50-400V
600-800V
=25 C
J
O
1
10
100
25
50
75
100
125
150
175
10
1
0.1
0.01
.4
.6
.8
1.0
1.2
1.6
1.8
1.4
100
2.0
600V
300-400V
50-200V
T= 25 C
J
O
1000
100
1.0
20
40
60
80 100
120
T= 25 C
J
O
T= 125 C
J
O
1
0.1
10
40
PERCENTAGE OF PEAK REVERSE VOLTAGE,%


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn