Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF1001 Datasheet(Fiches technique) 1 Page - Pan Jit International Inc.

Numéro de pièce UF1001
Description  ULTRAFAST RECOVERY RECTIFIERS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF1001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  UF1001 Datasheet HTML 1Page - Pan Jit International Inc. UF1001 Datenblatt HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-MAR.05.2009
UF1000~UF1006
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of
MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• Ultra fast recovery time, high voltage.
• In compliance with EU RoHS 2002/95/EC directives
ULTRAFAST RECOVERY RECTIFIERS
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
3. Thermal resistance from Junction to case.
4. Both Bonding and Chip structure are available.
.058(1.47)
.042(1.07)
MECHANCALDATA
• Case: TO-220AC full molded plastic package
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.0655 ounces, 1.859 grams.
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VOLTAGE
50 to 600 Volts
10.0 Amperes
CURRENT
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S0
0
0
1
F
U1
0
0
1
F
U2
0
0
1
F
U3
0
0
1
F
U4
0
0
1
F
U6
0
0
1
F
US
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
30
0
40
0
6V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
1
20
8
20
2
4V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
30
0
40
0
6V
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
C
0
0
1
=
O CI
(
F)
V
A
0
1A
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
I
M
S
F
0
5
1A
A
0
.
0
1
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MV
F
0
.
10
3
.
10
7
.
1V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
J
5
2
1
=
O C
I
R
0
.
1
0
0
5
µA
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
l
a
c
i
p
y
TC
J
0
80
5F
p
)
2
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
Mt
r
r
0
50
0
1s
n
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T)
3
e
t
o
N
(
eRθ
C
J
2
O
/
C
W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
O C


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn