Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC35V256EM-70W Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC35V256EM-70W
Description  256K (32K words x 8 bits) SRAM Control pins: OE and CE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35V256EM-70W Fiches technique(HTML) 6 Page - Sanyo Semicon Device

  LC35V256EM-70W Datasheet HTML 1Page - Sanyo Semicon Device LC35V256EM-70W Datasheet HTML 2Page - Sanyo Semicon Device LC35V256EM-70W Datasheet HTML 3Page - Sanyo Semicon Device LC35V256EM-70W Datasheet HTML 4Page - Sanyo Semicon Device LC35V256EM-70W Datasheet HTML 5Page - Sanyo Semicon Device LC35V256EM-70W Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PS No. 6303-6/6
LC35V256EM, ET-70W
This catalog provides information as of January, 2000. Specifications and information herein are subject
to change without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the “Delivery Specification”
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
Notes:1. WE must be held at the high level during the read cycle.
2. Do not apply reverse phase signals to the DOUT pins when those pins are in the output state.
3. The time tWP is the period when both CE and WE are low. It is defined as the time from the fall of WE to the rise of CE or WE, whichever occurs
first.
4. The time tCW is the period when both CE and WE are low. It is defined as the time from the fall of CE to the rise of CE or WE, whichever occurs first.
5. The DOUT pins will be in the high-impedance state if any one of the following is held: OE is at the high level, CE is at the high level, or WE is at the
low level.
6. The OE pin must be either held high or held low during the write cycle.
7. DOUT has the same phase as the write data during this write cycle.
Parameter
Symbol
Conditions
min
max
Unit
Data retention supply voltage
VDR
VCE ≥ VCC – 0.2 V
2.0
3.6
V
Chip enable setup time
tCDR
0ns
Chip enable hold time
tR
tRC*
ns
Note: * tRC: Read cycle time
Data Retention Characteristics at Ta = –10 to +70°C
Data Retention Waveforms (CE control)
VCC
3.0 V
VIH
VDR
VCE
GND
VCE ≥ VCC – 0.2 V
tCDR
tR
Data retention mode


Numéro de pièce similaire - LC35V256EM-70W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BTS-70U SANYO-LC35V1000BTS-70U Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
More results

Description similaire - LC35V256EM-70W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com