Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC35V256ET-70W Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LC35V256ET-70W
Description  256K (32K words x 8 bits) SRAM Control pins: OE and CE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35V256ET-70W Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LC35V256ET-70W Datasheet HTML 1Page - Sanyo Semicon Device LC35V256ET-70W Datasheet HTML 2Page - Sanyo Semicon Device LC35V256ET-70W Datasheet HTML 3Page - Sanyo Semicon Device LC35V256ET-70W Datasheet HTML 4Page - Sanyo Semicon Device LC35V256ET-70W Datasheet HTML 5Page - Sanyo Semicon Device LC35V256ET-70W Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
No. 6303-4/6
LC35V256EM, ET70W
DC Electrical Characteristics at Ta = –10 to +70°C, VCC = 3.0 to 3.6 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input leakage current
ILI
VIN = 0 to VCC
–1.0
+1.0
µA
Output leakage current
ILO
VCE = VIH or VOE = VIH or VWE = VIL
–1.0
+1.0
µA
VI/O = 0 to VCC
Output high-level voltage
VOH1
IOH1 = –2.0 mA
VCC – 0.4
V
VOH2
IOH2 = –100 µA
VCC – 0.1
V
Output low-level voltage
VOL1
IOL1 = 2.0 mA
0.4
V
VOL2
IOL2 = 100 µA
0.4
V
ICCA2
VCE = VIL, II/O = 0 mA, VIN = VIH or VIL
1.2
mA
Operating current drain
ICCA3
VCE = VIL, VIN = VIH or VIL
min cycle
20
25
mA
II/O = 0 mA, DUTY 100 %
1 µs cycle
1.5
2.5
mA
Ta
≤ 25°C
0.01
µA
Standby mode
ICCS1
Ta
≤ 60°C
0.8
µA
current drain
Ta
≤ 70°C
4.0
µA
ICCS2
VCE = VIH, VIN = 0 to VCC
0.4
mA
Note: * Reference values when VCC = 3.3 V and Ta = 25°C.
CMOS inputs
VCE ≥ VCC – 0.2 V,
VIN = 0 to VCC
VCC – 0.2 V/
0.2 V inputs
CMOS inputs
AC Electrical Characteristics at Ta = –10 to +70°C, VCC = 3.0 to 3.6 V
AC test conditions
Input pulse voltage levels: 0.2 VCC to 0.8 VCC
Input rise and fall times: 5 ns
Input and output timing levels: 1/2 VCC
Output load: 30 pF (including the jig capacitance)
Parameter
Symbol
min
max
Unit
Read cycle time
tRC
70
ns
Address access time
tAA
70
ns
CE access time
tCA
70
ns
OE access time
tOA
50
ns
Output hold time
tOH
10
ns
CE output enable time
tCOE
10
ns
OE output enable time
tOOE
5ns
CE output disable time
tCOD
35
ns
OE output disable time
tOOD
30
ns
Read Cycle
Parameter
Symbol
min
max
Unit
Write cycle time
tWC
70
ns
Address setup time
tAS
0ns
Write pulse width
tWP
55
ns
CE setup time
tCW
60
ns
Write recovery time
tWR
0ns
CE write recovery time
tWR1
0ns
Data setup time
tDS
50
ns
Data hold time
tDH
0ns
CE data hold time
tDH1
0ns
WE output enable time
tWOE
5ns
WE output disable time
tWOD
35
ns
Write Cycle


Numéro de pièce similaire - LC35V256ET-70W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BTS-70U SANYO-LC35V1000BTS-70U Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
More results

Description similaire - LC35V256ET-70W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com