Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MD8IC970NR1 Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc

No de pièce MD8IC970NR1
Description  RF LDMOS Wideband Integrated Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MD8IC970NR1 Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MD8IC970NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MD8IC970NR1
7
RF Device Data
Freescale Semiconductor
VDD1 =28 Vdc,IDQ1(A) =30 mA
f
MHz
Zin
Zload
820
18.4 -- j13.0
11.3 + j20.0
840
18.8 -- j12.7
11.7 + j21.9
860
19.1 -- j12.9
12.1 + j23.4
880
19.1 -- j13.2
12.5 + j24.5
900
18.7 -- j13.6
12.7 + j25.1
920
18.0 -- j13.9
12.5 + j25.6
940
17.2 -- j14.2
11.8 + j26.0
960
16.1 -- j14.3
10.9 + j26.6
980
14.6 -- j14.3
9.6 + j27.4
Zin
= Device input impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
f
MHz
Zin
Zload
330
31.2 -- j21.5
16.2 + j57.8
350
33.6 -- j18.7
24.2 + j59.6
370
35.8 -- j18.8
29.8 + j55.6
390
36.4 -- j19.6
29.0 + j52.8
410
37.0 -- j20.1
27.8 + j54.7
430
37.7 -- j21.7
30.2 + j58.5
450
36.2 -- j24.8
38.8 + j59.1
Zin
= Device input impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
f
MHz
Zin
Zload
120
42.7 -- j27.4
47.3 + j80.0
130
40.0 -- j22.5
61.4 + j93.3
140
40.2 -- j16.0
84.0 + j104.2
150
43.8 -- j13.3
114.5 + j107.2
160
47.8 -- j10.0
147.2 + j98.5
170
51.5 -- j10.0
179.4 + j81.3
180
54.9 -- j10.6
215.9 + j53.3
190
58.2 -- j12.9
256.6 -- j7.6
200
59.6 -- j16.9
233.3 -- j109.9
Zin
= Device input impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 9. Series Equivalent Input and Load Impedance — Stage 1
Z in
Z load
Device
Under Test
Output
Matching
Network
NOTE: Measurement made on a per side basis.


Numéro de pièce similaire - MD8IC970NR1

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
512Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MD8IC970NR1 FREESCALE-MD8IC970NR1_1 Datasheet
512Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Description similaire - MD8IC970NR1

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
logo
Freescale Semiconductor...
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
MHVIC2115R2 FREESCALE-MHVIC2115R2 Datasheet
394Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
MW7IC915N NXP-MW7IC915N Datasheet
672Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com