Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC35V256EM Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC35V256EM
Description  256K (32K words x 8 bits) SRAM Control pins: OE and CE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35V256EM Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC35V256EM Datasheet HTML 1Page - Sanyo Semicon Device LC35V256EM Datasheet HTML 2Page - Sanyo Semicon Device LC35V256EM Datasheet HTML 3Page - Sanyo Semicon Device LC35V256EM Datasheet HTML 4Page - Sanyo Semicon Device LC35V256EM Datasheet HTML 5Page - Sanyo Semicon Device LC35V256EM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Pin Functions
No. 6303-3/6
LC35V256EM, ET70W
A0 to A14
Address input
WE
Read/write control input
OE
Output enable input
CE
Chip enable input
I/O1 to I/O8
Data I/O
VCC, GND
Power supply, ground
Function Table
Mode
CE
OE
WE
I/O
Supply current
Read cycle
L
L
H
Data output
ICCA
Write cycle
L
X
L
Data input
ICCA
Output disable
L
H
H
High impedance
ICCA
Unselected
H
X
X
High impedance
ICCS
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
4.6
V
Input pin voltage
VIN
–0.3* to VCC + 0.3
V
I/O pin voltage
VI/O
–0.3 to VCC + 0.3
V
Operating temperature
Topr
–10 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings
Note: * The minimum value is –2.0 V for pulse widths under 30 ns.
I/O Capacitances at Ta = 25°C, f = 1 MHz
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
I/O pin capacitance
CI/O
VI/O = 0 V
6
10
pF
Input pin capacitance
CI
VIN = 0 V
6
10
pF
Note: All units are not tested; only samples are tested.
DC Allowable Operating Ranges at Ta = –10 to +70°C, VCC = 3.0 to 3.6 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC
3.0
3.3
3.6
V
Input voltage
VIH
0.8VCC
VCC + 0.3
V
VIL
–0.3*
0.2VCC
V
Note: * The minimum value is –2.0 V for pulse widths under 30 ns.
Note: X indicates H or L.


Numéro de pièce similaire - LC35V256EM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BTS-70U SANYO-LC35V1000BTS-70U Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
More results

Description similaire - LC35V256EM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com