Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF1A Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce UF1A
Description  SURFACE MOUNT ULTRAFAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF1A Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  UF1A_09 Datasheet HTML 1Page - Pan Jit International Inc. UF1A_09 Datasheet HTML 2Page - Pan Jit International Inc. UF1A_09 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-MAR.05.2009
UF1A~UF1K
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.5 TYPICAL JUNCTION CAPACITANCE
Fig.2 PEAK FORWARD SURGE CURRENT
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
LEAD TEMPERATURE, C
O
25
0
0.2
0.4
0.6
0.8
1.0
1.2
50
75
100
125
150
175
1000
200
30
25
35
100
20
15
10
50
10
5
5
1
1
RATING AND CHARACTERISTIC CURVES
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
.375" LEAD LENGTHS
0.1
1
10
100
1.0
10
100
T=25 C
f=1.0MHz
Vsig=50mVp-p
J
O
Fig.3 FORWARD CHARACTERISTICS
FORWARD VOLTAGE, VOLTS
0.6
0.01
0.1
1.0
10
50-200V
600V
T=25 C
A
O
400V
0.8
1.0
1.2
1.4
1.6
1.8
Fig.4-TYPICAL REVERSE CHARACTERISTIC
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
0.1
20
40
60
80
100
120
140
1.0
10
100
1000
T= 150 C
J
O
T= 100 C
J
O
T= 25 C
J
O


Numéro de pièce similaire - UF1A_09

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
UF1A PANJIT-UF1A_04 Datasheet
38Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
UF1A WTE-UF1A_06 Datasheet
47Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results

Description similaire - UF1A_09

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
UF1A PANJIT-UF1A_04 Datasheet
38Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
US1A PANJIT-US1A_05 Datasheet
47Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1K-E3 VISHAY-US1K-E3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 30-Oct-13
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
   Surface-Mount Ultrafast Rectifier
01-Jan-2022
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com