Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS2030FL Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce SS2030FL
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS2030FL Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  SS2030FL Datasheet HTML 1Page - Pan Jit International Inc. SS2030FL Datasheet HTML 2Page - Pan Jit International Inc. SS2030FL Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.1-MAR.3.2009
SS2020FL~SS20100FL
0
25
50
75
100
125
150
175
2.0
1.5
1.0
0.5
0
LEAD TEMPERATURE, C
O
LEAD TEMPERATURE, C
O
0
20
40
60
10
4
10
4
10
3
10
3
10
2
10
2
10
1
0.1
REVERSE VOLTAGE,V (V)
R
REVERSE VOLTAGE,V (V)
R
SINGLE PHASE HALF WAVE 60Hz
RESTSTIVE OR INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.2x0.2 (5.0x5.0mm)
COPPER PAD AREAS
,,
T125 C
J
O
T125 C
J
O
T75 C
J
O
T75 C
J
O
T25 C
J
O
T25 C
J
O
Rating and Characteristic Curves
Rating and Characteristic Curves
FIG. 1-FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL REVERSE CHARACTERISTIC
FIG. 4-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
20
0.1
10
1.0
T= 25 C
PulseWidth= 300 s
1%Duty Cycle
J
O
m
20-40V
60V
100V
V ,REVERSE VOLTAGE(VOLTS)
R
V ,REVERSE VOLTAGE(VOLTS)
R
0
10
20
30
40
1000
100
0.1
10
T=25 C
J
O
T=25 C
J
O
FIG. 3-TYPICAL JUNCTION CHATACTERISTIC
20-40V
20 - 40V
60V
100V
0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4


Numéro de pièce similaire - SS2030FL

FabricantNo de pièceFiches techniqueDescription
logo
Diotech Company.
SS2030FL DIOTECH-SS2030FL Datasheet
691Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS2030FL TAYCHIPST-SS2030FL Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SS2030FL SAMYANG-SS2030FL Datasheet
976Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS2030FL-AU PANJIT-SS2030FL-AU Datasheet
428Kb / 5P
   Surface Mount Schottky Barrier Rectifier
September 1,2020 SS2020FL-AU_SERIES-REV.09
SS2030FL-AU_R1_000A1 PANJIT-SS2030FL-AU_R1_000A1 Datasheet
428Kb / 5P
   Surface Mount Schottky Barrier Rectifier
September 1,2020 SS2020FL-AU_SERIES-REV.09
More results

Description similaire - SS2030FL

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com