Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1060HEWS Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SS1060HEWS
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1060HEWS Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SS1060HEWS Datasheet HTML 1Page - Pan Jit International Inc. SS1060HEWS Datasheet HTML 2Page - Pan Jit International Inc. SS1060HEWS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
October 06,2010-REV.02
SS1060HEWS
SCHOTTKY BARRIER DIODE
ELECTRICAL CHARACTERISTICS (TA=25oC)
ABSOLUTE MAXIMUM RATINGS (TA=25oC)
Note : Mounted on P.C Board with (15mmx50mm) copper pad areas.
FEATURES
• SOD-323HE low profile package
• Low forward voltage drop, low reverse current
• High Efficiency
• In compliance with EU RoHS 2002/95/EC directives and with Halogen
Free
APPLICATIONS
• Low voltage high frequency inverters
• DC/DC converters
• Polarity protection
• Freewheeling
• Marking : EW
PA RA M E TE R
S YM B O L
TE S T C ON D ITIO NS
M IN.
TYP.
M A X .
UNITS
F o r w ar d Vo lt age
V
F 1IF = 0 . 1 A
-
0.38
0.43
V
V
F 2IF = 0 . 7 A
-
0.55
0.58
V
V
F 3IF = 1 . 0 A
-
0.63
0.68
V
Re ve rs e C urr e nt
I
R1V R=5 V
-
0 .3
-
μA
I
R2V R= 60V
-
3
100
μA
Ther m a l Re s i s tanc e ( Note)
Rθ
JA
J unc t i on t o A m bi ent
-
-
220
o C/ W
Rθ
JL
J unc t i on t o Lead
-
-
50
o C/ W
PARAMETER
SYMBOL
LIMITS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
60
V
Maximum Average Rectified Forward Current
I O
1.0
A
Peak Forward Surge Current
(Half Sine Wave , 1 cycle , non-repetitive )
I FSM
22
A
Operating Junciton Temperature Range
TJ
-40 to +150
OC
Storage Temperature Range
TSTG
-40 to +150
OC
0.032(0.80)
0.015(0.40)
0.061(1.55)
0.045(1.15)
0.107(2.70)
0.090(2.30)
0.077(1.95)
0.068(1.75)
0.030(0.75)
0.021(0.55)
0.004(0.10)
MAX.
SOD-323HE
Unit: inch (mm)
This data sheet contains data from the objective specification for new product development, assuming the target product has already
initiated the development process. PANJIT reserves the right to change the specification in any manner without notice. Draft data sheet
cannot be released without expressed authorization from the RD group associated, PMAE and HQA members. NO EXCEPTIONS. Draft data
sheet will be provided to customer within 4 working days after the request is placed and reviewed.
1
2
Cathode
Anode


Numéro de pièce similaire - SS1060HEWS

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS1060HEWS-AU PANJIT-SS1060HEWS-AU Datasheet
279Kb / 5P
   SCHOTTKY BARRIER DIODE
SS1060HEWS-AU_R1_000A1 PANJIT-SS1060HEWS-AU_R1_000A1 Datasheet
279Kb / 5P
   SCHOTTKY BARRIER DIODE
SS1060HEWS-AU_R2_000A1 PANJIT-SS1060HEWS-AU_R2_000A1 Datasheet
279Kb / 5P
   SCHOTTKY BARRIER DIODE
More results

Description similaire - SS1060HEWS

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com