Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1040 Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce SS1040
Description  SURFACE MOUNT SCHOTTKY BARRIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1040 Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  SS1040_09 Datasheet HTML 1Page - Pan Jit International Inc. SS1040_09 Datasheet HTML 2Page - Pan Jit International Inc. SS1040_09 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.1-MAR.3.2009
SS1040
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL FORWARD CHARACTERISTIC
Fig.2- TYPICAL JUNCTION CHARACTERISTIC
Fig.3- TYPICAL REVERSE CHARACTERISTIC
LEAD TEMPERAURE, C
O
FORWARD VOLTAGE, mV
1.0
.50
0
SINGLEPHASEHALFWAVE60Hz
RESISTIVEORINDUCTIVELOAD
P.C.B MOUNTED
ON 0.2 X
X
0.2"( 5.0 5.0mm)
COPPERPADAREAS
.25
.75
0
75
100
125
150
175
25
50
REVERSE VOLTAGE, VR(V)
0
0.1
1.0
10
10
2
10
3
10
4
20
40
60
25 C
O
75 C
O
125 C
O
1.0
0
200
400
600
800
1000
10
10
2
10
3
10
4
25 C
O
75 C
O
125 C
O
010
10
100
1000
20
30
40
V , REVERSE VOLTAGE (VOLTS)
R
TJ=25 C
O
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
)
R
B
(
IR
0
0
5
=uA
0
4-
--
-V
t
n
e
r
r
u
C
e
s
r
e
v
e
RI
R
VR
0
4
=V
-
--
-0
0
5A
u
e
g
a
t
l
o
V
d
r
a
w
r
o
FV
F
IF
A
0
.
1
=-
--
-5
5
.
0V
e
c
n
a
t
i
c
a
p
a
C
e
d
o
i
DC
J
VR
,
V
0
=f
H
M
0
.
1
=
Z
-
--
-0
3
2F
p
ELECTRICAL CHARACTERISTICS


Numéro de pièce similaire - SS1040_09

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SS1040-T1 WTE-SS1040-T1 Datasheet
51Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Shanghai Leiditech Elec...
SS1040C LEIDITECH-SS1040C Datasheet
505Kb / 2P
   Schottky rectifiers
logo
Guangdong Kexin Industr...
SS1040F KEXIN-SS1040F Datasheet
767Kb / 2P
   Schottky Diodes
logo
SAMYANG ELECTRONICS CO....
SS1040FL SAMYANG-SS1040FL Datasheet
1Mb / 2P
   SCHOTTKY BARRIE R RECTIFIERS
logo
Won-Top Electronics
SS1040FL WTE-SS1040FL Datasheet
52Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Description similaire - SS1040_09

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com