Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1060FL Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SS1060FL
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1060FL Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SS1060FL Datasheet HTML 1Page - Pan Jit International Inc. SS1060FL Datasheet HTML 2Page - Pan Jit International Inc. SS1060FL Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.1-FEB.24.2009
STAD-APR.13.2010
SS1020FL~SS10100FL
FEATURES
• Fast switching speed
• Surface mount package ideally suited for autonatic insertion
• Low power loss, high efficieucy
• In compliance with EU RoHS 2002/95/EC directives
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
20 to 100 Volts
1.0 Amperes
CURRENT
MECHANICAL DATA
• Case: SOD-123FL, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Weight: 17.25mg
ELECTRICAL AND THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
SL
F
0
2
0
1
S
SL
F
0
3
0
1
S
SL
F
0
4
0
1
S
SL
F
0
6
0
1
S
SL
F
0
0
1
0
1
S
SS
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M-
2
G3
G4
G6
G0
1
G
-
e
g
a
t
l
o
V
e
s
r
e
v
e
RV
R
0
20
30
40
60
0
1V
e
g
a
t
l
o
V
r
s
r
e
v
e
R
k
a
e
PV
M
R
R
0
20
30
40
60
0
1V
T
t
a
t
n
e
t
t
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
A
A
5
7
=
oC
I
)
V
A
(
F
0
.
1A
s
m
3
.
8
=
t
t
a
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
r
-
n
o
NI
M
S
F
0
4
A
Note.1 Mounted with minmum recommended pas size, PC Board FR4.
2.T
A=25
OC unless otherwise specified.
ABSOLUTE RATINGS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
SL
F
0
2
0
1
S
SL
F
0
3
0
1
S
SL
F
0
4
0
1
S
SL
F
0
6
0
1
S
SL
F
0
0
1
0
1
S
SS
T
I
N
U
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
T
J
5
2
1
O C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
5
2
1
+
o
t
0
5
-
O C
I
t
a
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
m
u
m
i
n
i
M
R
0
0
5
=
µAV
R
0
20
30
40
60
0
1V
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MI
t
a
F
A
0
.
1
=V
F
5
5
.
05
5
.
05
5
.
00
7
.
05
8
.
0V
V
t
a
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
M
R
R
I
R
0
0
5
µA
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
R θ
A
J
8
8
O
W
/
C
V
t
a
g
n
it
a
R
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J
l
a
c
i
p
y
T
R
V
0
=C
J
0
60
60
60
50
4F
p
• Polarity :
Color band denotes cathode end


Numéro de pièce similaire - SS1060FL

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SS1060FL WTE-SS1060FL Datasheet
52Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SS1060FL PANJIT-SS1060FL Datasheet
119Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS1060FL TAYCHIPST-SS1060FL Datasheet
2Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SS1060FL LUGUANG-SS1060FL Datasheet
220Kb / 2P
   Surface Mount Schottky Barrier Diodes
logo
YENYO TECHNOLOGY Co., L...
SS1060FL YENYO-SS1060FL Datasheet
221Kb / 2P
   1.0A Schottky Barrier Rectifier
More results

Description similaire - SS1060FL

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com