Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1030HEWS Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce SS1030HEWS
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1030HEWS Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  SS1030HEWS Datasheet HTML 1Page - Pan Jit International Inc. SS1030HEWS Datasheet HTML 2Page - Pan Jit International Inc. SS1030HEWS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
October 12,2010-REV.00
SS1030HEWS
Fig.1 Forward Current Derating Curve
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
Fig.2 Typical Junction Capacitance
Fig.3 Typical Reverse Characteristics
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.4 Typical Forward Characteristics
TL, Lead Temperature (°C)
VR, Reverse Bias Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
VF, Forward Voltage (V)
0
0.25
0.5
0.75
1
0
25
50
75
100
125
150
10
100
1000
0.1
1
10
100
0.001
0.01
0.1
1
10
100
20
40
60
80
100
T=25 C
J
o
T =150 C
J
o
T=75 C
J
o
T =125 C
J
o
0.1
1
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
TJ = 150°C
TJ = 125°C
TJ =75°C
TJ =25°C
3


Numéro de pièce similaire - SS1030HEWS

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS1030HEWS-AU PANJIT-SS1030HEWS-AU Datasheet
318Kb / 5P
   SCHOTTKY BARRIER DIODE
SS1030HEWS-AU_R1_000A1 PANJIT-SS1030HEWS-AU_R1_000A1 Datasheet
318Kb / 5P
   SCHOTTKY BARRIER DIODE
SS1030HEWS-AU_R2_000A1 PANJIT-SS1030HEWS-AU_R2_000A1 Datasheet
318Kb / 5P
   SCHOTTKY BARRIER DIODE
SS1030HEWS PANJIT-SS1030HEWS_16 Datasheet
271Kb / 5P
   SCHOTTKY BARRIER DIODE
SS1030HEWS_R1_00001 PANJIT-SS1030HEWS_R1_00001 Datasheet
271Kb / 5P
   SCHOTTKY BARRIER DIODE
More results

Description similaire - SS1030HEWS

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com