Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1030 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SS1030
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1030 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SS1030 Datasheet HTML 1Page - Pan Jit International Inc. SS1030 Datasheet HTML 2Page - Pan Jit International Inc. SS1030 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.1-FEB.23.2009
SS1030
SOD-123
Unit:inch(mm)
.154(3.90)
.110(2.8)
.141(3.60)
.098(2.5)
.005(.12)MAX
.016(.40)MIN
SCHOTTKY BARRIER DIODE
• General rectification
• Small power mold type (PMDU)
• Low I R
• High reliability
• Silicon epitaxial planar
• In compliance with EU RoHS 2002/95/EC directives
• Case: SOD-123 plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
• Approx.Weight : 0.01 gram
• Marking : GS
APPLICATIONS
FEATURES
ABSOLUTE MAXIMUM RATINGS ( TA = 25OC )
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
S
T
I
M
I
L
T
I
N
U
)
k
a
e
p
e
v
i
t
i
t
e
p
e
r
(
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V
M
R
0
3
V
)
C
D
(
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V
R
0
3
V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
A
I
O
1
A
)
c
y
c
1
.
z
H
0
6
(
k
a
e
P
e
g
r
u
S
t
n
e
r
r
u
C
d
r
a
w
r
o
F
I FSM
0
3
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ,TSTG
5
2
1
o
t
0
4
-
OC
OC
ELECTRICAL CHARACTERISTICS ( TA = 25OC )
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
S
N
O
I
T
I
D
N
O
C
T
S
E
T
N
I
M
P
Y
T
X
A
M
S
T
I
N
U
e
g
a
t
l
o
V
d
r
a
w
r
o
F
VF1
I F =.
05A
-
9
3
.
06
4
.
0
V
VF2
I F =.
10A
-
3
4
.
08
4
.
0
V
t
n
e
r
r
u
C
e
s
r
e
v
e
R
I R1
VR =5
1V
-
0
.
30
2
µA
I R2
VR =0
3V
-
0
.
90
5
µA


Numéro de pièce similaire - SS1030

FabricantNo de pièceFiches techniqueDescription
logo
Diotech Company.
SS1030 DIOTECH-SS1030 Datasheet
613Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SS1030 FORMOSA-SS1030 Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
SS1030F KEXIN-SS1030F Datasheet
767Kb / 2P
   Schottky Diodes
logo
Won-Top Electronics
SS1030FL WTE-SS1030FL Datasheet
52Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SS1030FL PANJIT-SS1030FL Datasheet
119Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SS1030

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com