Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS0115TW Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SS0115TW
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS0115TW Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SS0115TW Datasheet HTML 1Page - Pan Jit International Inc. SS0115TW Datasheet HTML 2Page - Pan Jit International Inc. SS0115TW Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.0-DEC.11.2008
SS0115TW
SURFACE MOUNT SCHOTTKY BARRIER DIODE
FEATURES
• Low voltage high speed switching application
• Small surface mounting type
• Low VF and low IR
• Three diodes in parallel installation
• Power dissipation is 200mW
• Maximum peak forward current is 200mA
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
Case : SOT-363, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Approx. Weight : 0.006 gram
Marking : 115
MAXIMUM RATINGES (at TA=25oC unless otherwise specified)
ELECTRICAL CHARACTERISTICS (at TA=25oC unless otherwise specified)
VOLTAGE
15 Volts
CURRENT
0.1 Ampere
s
g
n
i
t
a
Rl
o
b
m
y
Ss
t
i
m
i
Lt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V RRM
5
1V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
V RMS
0
1V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V DC
5
1V
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
I O
1
.
0A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
a
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
I FS M
0
.
1A
)
1
e
t
o
N
(
l
a
n
i
m
r
e
T
n
e
e
w
t
e
b
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
C J
0
4F
p
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ T
, STG
5
2
1
+
o
t
5
5
-
oC
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 0 volts
2. ESD sensitive product handling required
s
c
i
t
s
i
r
e
t
c
a
r
a
h
Cl
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
MI F
A
m
1
=
I F
A
m
5
=
I F
A
m
0
0
1
=
VF
-
-
-
8
1
.
0
3
2
.
0
5
3
.
0
-
0
3
.
0
0
5
.
0
V
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
e
g
a
r
e
v
A
m
u
m
i
x
a
MVR
V
0
1
=I R
--
0
2
µA


Numéro de pièce similaire - SS0115TW

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS0115TW PANJIT-SS0115TW_16 Datasheet
347Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0115TW_R1_00001 PANJIT-SS0115TW_R1_00001 Datasheet
347Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0115TW_R2_00001 PANJIT-SS0115TW_R2_00001 Datasheet
347Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Description similaire - SS0115TW

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com