Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB3020FCT Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SB3020FCT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB3020FCT Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SB3020FCT Datasheet HTML 1Page - Pan Jit International Inc. SB3020FCT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
August 27,2010-REV.03
SB3020FCT SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of
MIL-S-19500/228
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: ITO-220AB full Molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.055 ounces, 1.5615 grams.
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volts
30 Amperes
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PA R A M E TE R
S YM B OL SB 3020F C T SB3030F C T SB 3040F C T S B3045FC T SB3050FC T SB 3060F C T
UNITS
M a xi m um Re c urr ent Peak R e ve r s e Vo ltage
V
RRM
2 0
30
40
4 5
50
6 0
V
Ma xi mum RM S Vo lt a g e
V
RMS
14
2 1
28
31 . 5
35
4 2
V
Ma xi mum D C B lo c k i ng Vo lt a g e
V
DC
2 0
30
40
4 5
50
6 0
V
M a xi m um Average F o r ward C ur rent a t
Tc = 7 5 OC
I
F(AV )
30
A
Peak F o r war d Sur ge C ur r e nt : 8. 3m s s i ng le
ha lf s i ne - wave s uper i m p o s ed o n r a ted load
(JE D E C m e t ho d )
I
FS M
275
A
M a xi m um F o r ward Vo lt ag e at 15A per le g
V
F
0.55
0.75
V
Ma xi mum D C Re ve rs e C urr e nt a t
Ra t ed D C B loc k i ng Vo lt age
T
J =2 5
OC
T
J = 100
OC
I
R
0.2
50
mA
Typ i ca l The r m a l R e si st a nc e
R
JC
1.5
OC / W
Operat i ng J unc t i on Te m p e r atur e Ra ng e
T
J
-55 to + 125
- 5 5 t o + 150
OC
St orage Te m p er atur e Ra ng e
T
STG
- 55 t o +150
OC
0.406(10.3)
0.381(9.7)
0.134(3.4)
0.118(3.0)
0.055(1.4)
0.039(1.0)
0.055(1.4)
0.039(1.0)
0.028(0.7)
0.019(0.5)
0.100(2.55)
0.100(2.55)
0.189(4.8)
0.165(4.2)
0.130(3.3)
0.114(2.9)
0.114(2.9)
0.098(2.5)
0.027(0.67)
0.022(0.57)


Numéro de pièce similaire - SB3020FCT

FabricantNo de pièceFiches techniqueDescription
logo
PACELEADER INDUSTRIAL
SB3020FCT PACELEADER-SB3020FCT Datasheet
167Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB3020FCT PANJIT-SB3020FCT_16 Datasheet
100Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
SB3020FCT_T0_00001 PANJIT-SB3020FCT_T0_00001 Datasheet
100Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SB3020FCT

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com