Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY29973 Fiches technique(PDF) 7 Page - Cypress Semiconductor

No de pièce CY29973
Description  3.3 V 125 MHz Multi-Output Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29973 Fiches technique(HTML) 7 Page - Cypress Semiconductor

Back Button CY29973_11 Datasheet HTML 2Page - Cypress Semiconductor CY29973_11 Datasheet HTML 3Page - Cypress Semiconductor CY29973_11 Datasheet HTML 4Page - Cypress Semiconductor CY29973_11 Datasheet HTML 5Page - Cypress Semiconductor CY29973_11 Datasheet HTML 6Page - Cypress Semiconductor CY29973_11 Datasheet HTML 7Page - Cypress Semiconductor CY29973_11 Datasheet HTML 8Page - Cypress Semiconductor CY29973_11 Datasheet HTML 9Page - Cypress Semiconductor CY29973_11 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY29973
Document Number: 38-07291 Rev. *E
Page 7 of 10
IDD
Dynamic Supply Current
QA and QB at 60 MHz,
QC at 120 MHz, CL=30 pF
–225
mA
QA and QB at 25 MHz,
QC at 50 MHz, CL=30 pF
–125
Cin
Input Pin Capacitance
4
pF
ZOUT
Output Impedance
15
18
22
AC Electrical Specifications
VDD = 2.9 V to 3.6 V, VDDC = 3.3 V ± 10%, TA = –40 C to +85 C [7]
Parameter
Description
Conditions
Min
Typ.
Max
Unit
Tr/Tf
TCLK Input Rise or Fall
3.0
ns
Fref
Reference Input Frequency
Note 8
Note 8
MHz
FrefDC
Reference Input Duty Cycle
25
75
%
Fvco
PLL VCO Lock Range
200
480
MHz
Tlock
Maximum PLL lock Time
10
ms
Tr/Tf
Output Clocks Rise or Fall Time[9]
0.8 V to 2.0 V
0.15
1.2
ns
Fout
Maximum Output Frequency
Q (
2)
125
MHz
Q (
4)
120
Q (
6)
80
Q (
8)
60
FoutDC
Output Duty Cycle[9]
TCYCLE/2 – 750
TCYCLE/2 + 750
ps
tpZL, tpZH Output Enable Time[9](all outputs)
2–
10
ns
tpLZ, tpHZ Output Disable Time[9](all outputs)
2–
8
ns
TCCJ
Cycle to Cycle Jitter[9](peak to peak)
–±100
ps
TSKEW
Any Output to Any Output Skew[9, 10]
–250
350
ps
Propagation Delay[10, 11] PECL_CLK
–225
–25
175
ps
Tpd
TCLK0
QFB =(³8)
–70
130
330
TCLK1
–130
70
270
DC Electrical Specifications
VDD = 2.9 V to 3.6 V, VDDC = 3.3 V ± 10%, TA = –40 C to +85 C (continued)
Parameter
Description
Conditions
Min
Typ
Max
Unit
Notes
7. Parameters are guaranteed by design and characterization. Not 100% tested in production.
8. Maximum and minimum input reference is limited by VC0 lock range.
9. Outputs loaded with 30pF each.
10. 50
 transmission line terminated into VDD/2.
11. Tpd is specified for a 50MHz input reference. Tpd does not include jitter.
[+] Feedback


Numéro de pièce similaire - CY29973_11

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
More results

Description similaire - CY29973_11

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_11 Datasheet
370Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_08 Datasheet
254Kb / 9P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com