Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1996 Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LB1996
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1996 Fiches technique(HTML) 8 Page - Sanyo Semicon Device

  LB1996 Datasheet HTML 1Page - Sanyo Semicon Device LB1996 Datasheet HTML 2Page - Sanyo Semicon Device LB1996 Datasheet HTML 3Page - Sanyo Semicon Device LB1996 Datasheet HTML 4Page - Sanyo Semicon Device LB1996 Datasheet HTML 5Page - Sanyo Semicon Device LB1996 Datasheet HTML 6Page - Sanyo Semicon Device LB1996 Datasheet HTML 7Page - Sanyo Semicon Device LB1996 Datasheet HTML 8Page - Sanyo Semicon Device LB1996 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LB1996
No. 5977-8/9
Pin number
Pin name
Pin voltage
Equivalent circuit
Pin function
21
2V to 3V
22
23
24
PWR GND
1
2
5R F
19
C C
16
BRAKE
Continued from preceding page
Control reference voltage supply
pin. Determines control start
voltage.
Speed control voltage supply pin
V type control technique
VC > VCREF : Forward
VC < VCREF : Slowdown
(Reverse-blocking circuit
prevents reverse rotation.)
W phase output
Output transistor GND
V phase output
Upper side output NPN transistor
collector pin (common for all 3
phases). For current detection,
connect resistor between VCC3
pin and RF pin. Constant current
control and current limiter works
by detecting this voltage.
3 Hall FG/1 Hall FG switching
pin
FGSEL
High –> 3 Hall FG
Low/Open –> 1 Hall FG
Short brake pin
BRAKE:
High –> Short brake operation
Low/Open –> Motor drive operation
U phase output
VCREF
VC
WOUT
VOUT
UOUT
0V to VCC1
22
25
µA
100
µA
100
µA
25
µA
VCC1
200
10k
15k
30k
30k
200
21
5
24
VCC2
3.9
3.9
23
1
2
19
VCC1
50k
75k
100
µA
16
VCC1
50k
75k
A11177
A11178
A11179
A11180
FGSEL


Numéro de pièce similaire - LB1996

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1991 SANYO-LB1991 Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

Description similaire - LB1996

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com