Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8224HACPZ-RL Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8224HACPZ-RL
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8224HACPZ-RL Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD8224HACPZ-RL Datasheet HTML 4Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 5Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 6Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 7Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 8Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 9Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 10Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 11Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8224
Rev. B | Page 8 of 28
VS + = 5 V, VS− = 0 V, VREF = 2.5 V, TA = 25°C, G = 1, RL = 2 kΩ1, unless otherwise noted. Table 6 displays the specifications for the
dynamic performance of each individual instrumentation amplifier.
Table 6. Dynamic Performance of Each Individual Amplifier—Single-Ended Output Configuration, VS = +5 V
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal Bandwidth −3 dB
G = 1
1500
1500
kHz
G = 10
800
800
kHz
G = 100
120
120
kHz
G =1000
14
14
kHz
Settling Time 0.01%
G = 1
ΔVO = 3 V step
2.5
2.5
μs
G = 10
ΔVO = 4 V step
2.5
2.5
μs
G = 100
ΔVO = 4 V step
7.5
7.5
μs
G =1000
ΔVO = 4 V step
60
60
μs
Settling Time 0.001%
G = 1
ΔVO = 3 V step
3.5
3.5
μs
G = 10
ΔVO = 4 V step
3.5
3.5
μs
G = 100
ΔVO = 4 V step
8.5
8.5
μs
G =1000
ΔVO = 4 V step
75
75
μs
Slew Rate
G = 1 to 100
2
2
V/μs
1 When the output sinks more than 4 mA, use a 47 pF capacitor in parallel with the load to prevent ringing. Otherwise, use a larger load, such as 10 kΩ.
VS + = 5 V, VS− = 0 V, VREF = 2.5 V, TA = 25°C, G = 1, RL = 2 kΩ1 unless otherwise noted. Table 7 displays the specifications for the
dynamic performance of both amplifiers when used in the differential output configuration shown in Figure 63.
Table 7. Dynamic Performance of Both Amplifiers—Differential Output Configuration2, VS = +5 V
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal Bandwidth −3 dB
G = 1
1500
1500
kHz
G = 10
800
800
kHz
G = 100
120
120
kHz
G =1000
14
14
kHz
Settling Time 0.01%
G = 1
ΔVO = 3 V step
2.5
2.5
μs
G = 10
ΔVO = 4 V step
2.5
2.5
μs
G = 100
ΔVO = 4 V step
7.5
7.5
μs
G =1000
ΔVO = 4 V step
60
60
μs
Settling Time 0.001%
G = 1
ΔVO = 3 V step
3.5
3.5
μs
G = 10
ΔVO = 4 V step
3.5
3.5
μs
G = 100
ΔVO = 4 V step
8.5
8.5
μs
G =1000
ΔVO = 4 V step
75
75
μs
Slew Rate
G = 1 to 100
2
2
V/μs
1 When the output sinks more than 4 mA, use a 47 pF capacitor in parallel with the load to prevent ringing. Otherwise, use a larger load, such as 10 kΩ.
2 Refers to the differential configuration shown in
.
Figure 63


Numéro de pièce similaire - AD8224HACPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8224HACPZ-RL AD-AD8224HACPZ-RL Datasheet
763Kb / 29P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
More results

Description similaire - AD8224HACPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224 AD-AD8224_16 Datasheet
763Kb / 29P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
AD8224 AD-AD8224_15 Datasheet
720Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. C
AD8224 AD-AD8224 Datasheet
1Mb / 27P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Rev. PrB
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220 Datasheet
1Mb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. 0
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220 AD-AD8220_16 Datasheet
610Kb / 29P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
logo
Texas Instruments
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI-INA326_07 Datasheet
612Kb / 23P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com