Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1955 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LB1955
Description  Three-Phase Brushless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1955 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LB1955 Datasheet HTML 1Page - Sanyo Semicon Device LB1955 Datasheet HTML 2Page - Sanyo Semicon Device LB1955 Datasheet HTML 3Page - Sanyo Semicon Device LB1955 Datasheet HTML 4Page - Sanyo Semicon Device LB1955 Datasheet HTML 5Page - Sanyo Semicon Device LB1955 Datasheet HTML 6Page - Sanyo Semicon Device LB1955 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ordering number :EN5452
73097HA (OT) No. 5452-1/7
Functions
• The LB1955 is a 3-phase brushless motor driver IC that
is optimal for applications such as driving the drum
motor in VCRs.
Features
• Current linear drive
• FG and PG free
• Single-voltage power supply
• Built-in AGC circuit
• Built-in thermal shutdown circuit
Package Dimensions
unit: mm
3222-HSOP28
SANYO: HSOP28
[LB1955]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Monolithic Digital IC
LB1955
Three-Phase Brushless Motor Driver
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCCmax
14.5
V
Maximum output current
IOUT
1.0
A
Allowable power dissipation
Pdmax
Independent device
0.60
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
10.2 to 13.8
V
Hall input amplitude
Vhall
At the input
70 to 500
mVp-p
VC input voltage
VC
0 to 5
V
Allowable Operating Ranges at Ta = 25°C
Ambient temperature, Ta – °C


Numéro de pièce similaire - LB1955

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1950 SANYO-LB1950 Datasheet
190Kb / 9P
   Three-Phase Brushless Sensorless Motor Driver
LB1950V SANYO-LB1950V Datasheet
190Kb / 9P
   Three-Phase Brushless Sensorless Motor Driver
LB1951 SANYO-LB1951 Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
LB1952 SANYO-LB1952 Datasheet
214Kb / 11P
   3-Phase Brushless Motor Driver for VCR Capstans
More results

Description similaire - LB1955

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com