Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1877M Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LB1877M
Description  Brushless Motor Driver with Speed Control for Portable Cassette Recorders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1877M Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LB1877M Datasheet HTML 1Page - Sanyo Semicon Device LB1877M Datasheet HTML 2Page - Sanyo Semicon Device LB1877M Datasheet HTML 3Page - Sanyo Semicon Device LB1877M Datasheet HTML 4Page - Sanyo Semicon Device LB1877M Datasheet HTML 5Page - Sanyo Semicon Device LB1877M Datasheet HTML 6Page - Sanyo Semicon Device LB1877M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LB1877M
No. 6199-1/7
LB1877M
Package Dimensions
unit: mm
3036B-MFP20
Functions and Features
• Brushless sensorless motor drive (3-phase half-wave drive)
• Forward/reverse drive possible
• Built-in speed control function (voltage servo)
• Built-in reference voltage (0.9V)
• Soft switching
The LB1877M is a motor driver well suited for driving
motors of minicassette recorders, headphone stereos, and
microcasette recorders that use a 3V power supply.
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
63099RM(KI)
Ordering number : EN6199A
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Monolithic Digital IC
Brushless Motor Driver with Speed Control
for Portable Cassette Recorders
[LB1877M]
Overview
1
20
10
11
12.6
0.15
1.27
0.35
0.59
SANYO : MFP20
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
6.0
V
Maximum output current
IO max
0.5
A
Allowable power dissipation
Pd max
0.5
W
Operating temperature
Topr
–10 to +80
°C
Storage temperature
Tstg
–40 to +150
°C
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC
1.8 to 5.0
V


Numéro de pièce similaire - LB1877M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1877 SANYO-LB1877 Datasheet
71Kb / 7P
   Brushless Motor Driver with Speed Control for Portable Cassette Recorders
LB1877V SANYO-LB1877V Datasheet
71Kb / 7P
   Brushless Motor Driver with Speed Control for Portable Cassette Recorders
More results

Description similaire - LB1877M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1877V SANYO-LB1877V Datasheet
71Kb / 7P
   Brushless Motor Driver with Speed Control for Portable Cassette Recorders
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
LA1828 SANYO-LA1828 Datasheet
153Kb / 13P
   Single-Chip Tuner IC for Portable Radio /Cassette Recorders with Manual Tuning
logo
Silicon Touch Technolog...
ST1115C SITI-ST1115C Datasheet
230Kb / 13P
   PWM Speed Control Double Coil Brushless DC Motor Driver
logo
Sanyo Semicon Device
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LV8104V SANYO-LV8104V Datasheet
415Kb / 19P
   For Variable Speed Control Three-Phase Brushless Motor Predriver
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LB1822 SANYO-LB1822 Datasheet
112Kb / 5P
   3-phase Brushless Motor Predriver with Digital Speed Control
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com