Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1861 Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LB1861
Description  Variable Speed Fan Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1861 Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LB1861 Datasheet HTML 1Page - Sanyo Semicon Device LB1861 Datasheet HTML 2Page - Sanyo Semicon Device LB1861 Datasheet HTML 3Page - Sanyo Semicon Device LB1861 Datasheet HTML 4Page - Sanyo Semicon Device LB1861 Datasheet HTML 5Page - Sanyo Semicon Device LB1861 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1 When a fan is rotating, the capacitor is charged at 4 µA (typ) and discharged through the C with pulses according to the
rotational speed.
2 When a fan is locked, no discharge occurs through the C and the C voltage rises, turning OFF the output at 0.8 × V
IN.
3 When the output is turned OFF, discharge occurs through the C at 0.5 µA (typ). If the lock is not released when the C voltage
drops to VTH2, the capacitor is charged to VTH1 again. (At this moment, the output is turned ON.) These operations 2 and
3 repeated at a cycle of approximately t
on :toff = 1:6 protect a motor.
4 If the lock is released when the C voltage drops to V
TH2, the output is turned ON, starting rotation.
(6) Rotation detect signal (RD pin)
.
Open collector output (Drive mode: ‘‘L’’, Stop mode: ‘‘H’’)
(7) Radio noise reducing (Pins B1, B2)
.
Base pin of Darlington connection output transistor
.
If radio noises need to be processed properly, the following actions should be taken:
1 Connect a capacitor of 0.01 µ to 0.1 µF between B1 and B2.
2 Connect a capacitor of 0.001 µ to 0.01 µF between OUT and B.
If output causes oscillation, add a resistor of 200
Ω to1kΩ in series with a capacitor.
(8) Thermal shutdown function
.
Shutdown the driver output in case of coil short-circuiting and abnormal IC heating.
Thermistor-controlled Application Circuit Example
Output Timing Chart
Noise elimination
capacitor
Figure 2
(
): MFP14S
Unit (resistance:
Ω, capacitance: F)
Use of a thermistor enables motor speed to
be sensitive to the operating ambient
temperature.
The Rt pin voltage at Ta = 20 °C has
1.42 ms of ‘toff’ as calculated in expression
4 with the application constant of Figure 2.
However, the Rt pin voltage at Ta = 40 °C
is reduced into less than the Vct (= 1.3 V)
level, which results ina0of‘toff’. This
means the 100% duty.
t = –C2 c R2 c 1n
(VIN –VRt)
VIN –VCt
............. 4
Hall input
Discharge pulse
Ct voltage
Output ‘off’ signal
OUT1 current
OUT2 current
All-phase ON waveform
Control output waveform
Figure 3
LB1860,1860M,1861,1861M
No.3519-5/6


Numéro de pièce similaire - LB1861

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB1861 ONSEMI-LB1861 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
LB1861-E ONSEMI-LB1861-E Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
LB1861M ONSEMI-LB1861M Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
LB1861M-MPB-E ONSEMI-LB1861M-MPB-E Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
LB1861M-MPB-H ONSEMI-LB1861M-MPB-H Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
More results

Description similaire - LB1861

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APX9270 ANPEC-APX9270 Datasheet
352Kb / 17P
   Direct PWM Variable Speed Fan Motor Driver
APX9262P ANPEC-APX9262P Datasheet
194Kb / 15P
   Direct PWM Variable Speed Fan Motor Driver
APX9291 ANPEC-APX9291 Datasheet
209Kb / 14P
   Direct PWM Variable Speed Fan Motor Driver
APX6861 ANPEC-APX6861 Datasheet
156Kb / 14P
   Direct PWM Variable Speed Fan Motor Driver
logo
Sanyo Semicon Device
LB1965M SANYO-LB1965M Datasheet
61Kb / 6P
   Two-Phase Unipolar Driver for Variable-Speed Fan Motor
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com