Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1846 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LB1846
Description  Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1846 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LB1846 Datasheet HTML 1Page - Sanyo Semicon Device LB1846 Datasheet HTML 2Page - Sanyo Semicon Device LB1846 Datasheet HTML 3Page - Sanyo Semicon Device LB1846 Datasheet HTML 4Page - Sanyo Semicon Device LB1846 Datasheet HTML 5Page - Sanyo Semicon Device LB1846 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Overview
The LB1846M and LB1848M are 2-channel low-voltage,
low saturation voltage type bidirectional motor driver ICs
that are optimal for use as 2-phase stepping motor drivers
in printers, floppy disk drives, and cameras and other
portable equipment. The output circuits are of the bipolar
type, with pnp transistors in the upper side and npn
transistors in the lower side, and they achieve low
saturation output and low power characteristics despite
being provided in a miniature package.
Both of these IC products can directly control a motor
from signals from a microcontroller. The LB1846M is
optimal for 1-2 phase excitation drive for 2-phase stepping
motors using 4-input logic (IN1, IN2, IN3, and IN4) and
the LB1848M is optimal for 2-phase excitation drive for
2-phase stepping motors using 3-input logic (ENA, IN1,
and IN2).
Another point is that these ICs include built-in thermal
shutdown circuits so that IC scorching or burning is
prevented in advance even if the IC outputs are shorted.
Additionally, the MFP-10S miniature package used
supports reduced-space mounting.
Features
• Optimal for 1-2 phase excitation drive for 2-phase
stepping motors (LB1846M)
• Optimal for 2 phase excitation drive for 2-phase
stepping motors (LB1848M)
• Low saturation voltage. VO(sat) = 0.55 V typical at IO =
400 mA
• Standby current: zero
• Thermal shutdown circuit
• Miniature package: MFP-10S (6.5
× 5.1 mm)
• Through-current prevention circuit (LB1848M only)
• “Soft off” function that reduces power supply line noise
when switching from drive to standby modes. (Requires
the use of one external capacitor.) (LB1848M only)
• No limitations on the magnitude relationship between
the power supply voltage (VCC) and the input voltage
(VIN)
Package Dimensions
unit: mm
3086A-MFP10S
Monolithic Digital IC
Ordering number : EN5339
O3096HA (OT) No. 5339-1/6
SANYO: MFP10S
[LB1846M, 1848M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Low-Voltage/Low Saturation Voltage Type
Bidirectional Motor Driver
LB1846M, 1848M


Numéro de pièce similaire - LB1846

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1846M SANYO-LB1846M Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1846MC ONSEMI-LB1846MC Datasheet
114Kb / 4P
   Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
More results

Description similaire - LB1846

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1848MC-AH ONSEMI-LB1848MC-AH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_12 Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com