Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4148WS Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce 1N4148WS
Description  SURFACE MOUNT SWITCHING DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4148WS Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  1N4148WS_10 Datasheet HTML 1Page - Pan Jit International Inc. 1N4148WS_10 Datasheet HTML 2Page - Pan Jit International Inc. 1N4148WS_10 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.2-FEB.11.2009
STAD-APR.07.2010
1N4148WS,1N4448WS,BAV16WS
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volts
250mWatts
FEATURES
• Fast switching speed.
• Surface mount package Ideally Suited for Automatic insertion
• Electrically Identical to Standard JEDEC
• High Conductance
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: SOD-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Weight: 0.0001 ounce, 0.0041 gram
• Polarity : Color band cathode
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
NOTE:
1. CJ at VR=0, f=1MHz
2. From I F=10mA to I R=1mA, VR=6Volts, RL=100
Ω
PA RA M E TE R
SYM B O L
1N4148W S
1N4448W S
BAV1 6 W S
UNITS
M a r k i ng C ode
-
A2
A3
A6
-
Re ve r s e Vo lt age
V
R
75
V
P e a k Re ve r s e Vo lt age
V
RM
100
V
RM S Vo lt age
V
RM S
50
V
Ma xi m um D C B lo c k i ng Vo lt a g e
V
DC
75
V
M a xi m um A ver age F o r war d C ur r e nt at T
A =2 5
OC
I
F(A V )
200
mA
P e a k F o r war d S ur g e C ur r ent, 0.001m s
I
FS M
4
A
P o we r D i s s i pati o n D e r a te A bove 25 OC
P
D
250
mW
M a xi m um F o r war d Vo lt age
V
F
0. 715 @ 0. 001 A
0. 855 @ 0. 01 A
1.0 / 0. 05A
1.25 @ 0.15A
0.72 @
0. 00 5A
1. 0 @
0.1A
0.855 @ 0. 01A
V
M a xi m um D C Re ve r s e C ur r ent at Ra t ed D C
B lock i ng Vo ltage
I
R
0. 02 5 @ 20V
2. 5 @ 75V
2. 5 @ 75V
1. 0 @ 75V
μA
J unc t i on C apac i tance( No t e s 1 )
C
J
1. 5
4. 0
2 . 0
pF
M a xi m um Re ve r s e Re c o ve r y ( Not es 2)
t
rr
4
4
6
ns
Typi c a l Ther m a l Re si s t anc e
R
θJA
500
OC / W
Oper ati ng Junc t i o n and S tor age Te m per at ur e
Ra ng e
T
J , T ST G
- 55 t o + 150
OC
1
2
Cathode
Anode


Numéro de pièce similaire - 1N4148WS_10

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
1N4148WS DIODES-1N4148WS_10 Datasheet
85Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 18 - 2
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
More results

Description similaire - 1N4148WS_10

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com