Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BQ78412 Fiches technique(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
No de pièce BQ78412
Description  Pb-Acid Battery State-of-Charge Indicator With Run-Time Display
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

BQ78412 Fiches technique(HTML) 23 Page - Texas Instruments

Back Button BQ78412 Datasheet HTML 19Page - Texas Instruments BQ78412 Datasheet HTML 20Page - Texas Instruments BQ78412 Datasheet HTML 21Page - Texas Instruments BQ78412 Datasheet HTML 22Page - Texas Instruments BQ78412 Datasheet HTML 23Page - Texas Instruments BQ78412 Datasheet HTML 24Page - Texas Instruments BQ78412 Datasheet HTML 25Page - Texas Instruments BQ78412 Datasheet HTML 26Page - Texas Instruments BQ78412 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
bq78412
www.ti.com
SLUSAA0 – OCTOBER 2010
Depth of Discharge (DoD) Counters
These counters are used to generate a histogram of the depth of discharge reached at the end of discharge. On
each
transition
from
discharge
to
charge,
the
appropriate
counter
is
incremented
based
on
the
Depth-of-Discharge (DoD = 100% – SoC) if the drain is significant (see description of DoDThresh parameter
below). Note that the increment happens even if the previous cycle did not return to 100% full. Each counter is of
2 bytes and can store values from 0 to 65535.
DoD80Count : Counts events where 100%
≥ DoD > 80%
DoD60Count : Counts events where 80%
≥ DoD > 60%
DoD30Count : Counts events where 60%
≥ DoD > 30%
DoD10Count : Counts events where 30%
≥ DoD > 10%
DoD0Count : Counts events where 10%
≥ DoD > 0%
The DoD10Count and DoD0Count increment every 16 counts so that the range is 65535 x 16 = 1,048,560.
The DoDThresh parameter sets the threshold (in 0.1 Ah steps) for the capacity drain during a discharge below
which the event does not cause an increment. The capacity drain is calculated as the difference between the
capacity at the beginning of discharge and that at the end of discharge.
Charge Counters
These counters calculate the cumulative charge in and out of the battery. These data are stored in 2 bytes in
steps of 16 Ah. Thus the maximum value stored is 65535×16 Ah or 1,048,560 Ah, which is equivalent to >3495
full discharge cycles of a 300-Ah battery.
ChargeAH: Cumulative amp-hours in to the battery (includes charge efficiency compensation using the ChgEff
parameter)
DischargeAH : Cumulative amp-hours out from the battery.
Discharge Time Counter
This counter records the cumulative time in discharge mode. As with the abuse counters, this counter increments
every 6 minutes This counter is of 2 bytes and can store values from 0 to 65535. This range permits a maximum
time of 273 days to be recorded.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): bq78412


Numéro de pièce similaire - BQ78412

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
BQ78412 TI1-BQ78412 Datasheet
1Mb / 37P
[Old version datasheet]   Pb-Acid Battery State-of-Charge Indicator
BQ78412DDWR TI1-BQ78412DDWR Datasheet
1Mb / 37P
[Old version datasheet]   Pb-Acid Battery State-of-Charge Indicator
BQ78412DDWT TI1-BQ78412DDWT Datasheet
1Mb / 37P
[Old version datasheet]   Pb-Acid Battery State-of-Charge Indicator
BQ78412 TI1-BQ78412_15 Datasheet
1Mb / 37P
[Old version datasheet]   Pb-Acid Battery State-of-Charge Indicator
More results

Description similaire - BQ78412

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
BQ78412 TI1-BQ78412_15 Datasheet
1Mb / 37P
[Old version datasheet]   Pb-Acid Battery State-of-Charge Indicator
logo
saftbatteries
BA5590A SAFT-BA5590A Datasheet
218Kb / 2P
   With state of charge indicator (SOCI)
logo
ON Semiconductor
NCS35011 ONSEMI-NCS35011 Datasheet
233Kb / 11P
   5S Battery Protector with State of Charge Indication
March, 2023 - Rev. P8
logo
NXP Semiconductors
SAA1501T PHILIPS-SAA1501T Datasheet
372Kb / 20P
   Battery charge level indicator
December 1994
logo
Shenzhen Huazhimei Semi...
HM4067C HMSEMI-HM4067C Datasheet
545Kb / 10P
   4A, 12V lead-acid battery charge management IC
HM4067 HMSEMI-HM4067 Datasheet
949Kb / 11P
   5A lead-acid battery charge management integrated circuit
logo
OSRAM GmbH
LEDINSPECTPROPOCKET280 OSRAM-LEDINSPECTPROPOCKET280 Datasheet
146Kb / 3P
   Charging indicator and battery status display
logo
Power Sonic Corporation
PG-12V35-FR POWER-SONIC-PG-12V35-FR Datasheet
416Kb / 2P
   Rechargeable Sealed Lead Acid Battery Rechargeable Sealed Lead Acid Battery
logo
Texas Instruments
BQ2031 TI-BQ2031 Datasheet
169Kb / 16P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031PN-A5 TI1-BQ2031PN-A5 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com