Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS10100 Fiches technique(PDF) 1 Page - Diotech Company.

No de pièce SS10100
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOTECH [Diotech Company.]
Site Internet  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SS10100 Fiches technique(HTML) 1 Page - Diotech Company.

  SS10100 Datasheet HTML 1Page - Diotech Company. SS10100 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS1020 THRU SS10100
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 1.0 Ampere
● Plastic package has Underwriters Laboratory
● Flammability classification 94V-0 Utilizing Fame
● Retardant Epoxy Molding Compound
● For surface mount applications
● Low leakage current.
FEATURES
MECHANICAL DATA
Case: SOD-123, Molded Plastic
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.017 grams
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
60
100
V
Forward Continuous Current (Note 1)
IF
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
40
Storage Temperature
TSTG
-50 to +150
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Forward Voltage Drop
@IF = 1.0A
VFM
0.45
0.55
0.55
0.70
0.85
V
Peak Reverse Leakage Current @ VRRM
IRM
500
µA
Typical Junction Capacitance
Cj
pF
Note: 1. Valid provided that terminals are kept at ambient temperature.
A
Tj
°C
°C
125
Operating Temperature
60
50
40
H
G
SOD-123
Dim
Min
Max
A
3.6
3.9
B
2.5
2.8
C
1.4
1.8
D
0.5
0.7
E
0.2
G
0.4
H
0.95
1.35
J
0.12
All Dimensions in mm
D
A
C
B
E
J
SS1020
Unit
SS1030
SS1040
SS1060
SS10100
Unit
SS1020
SS1030
SS1040
SS1060
SS10100


Numéro de pièce similaire - SS10100

FabricantNo de pièceFiches techniqueDescription
logo
DONGGUAN YOU FENG WEI E...
SS10100 YFWDIODE-SS10100 Datasheet
443Kb / 3P
   Surface Mount Schottky Barrier Rectifier
SS10100 YFWDIODE-SS10100 Datasheet
379Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
SHIKUES Electronics
SS10100BG SKTECHNOLGY-SS10100BG Datasheet
283Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Galaxy Semi-Conductor H...
SS10100C BILIN-SS10100C Datasheet
332Kb / 3P
   Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
SS10100C LEIDITECH-SS10100C Datasheet
505Kb / 2P
   Schottky rectifiers
More results

Description similaire - SS10100

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com