Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DZT955 Datasheet(Fiches technique) 3 Page - Diodes Incorporated

Numéro de pièce DZT955
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT955 Datasheet(HTML) 3 Page - Diodes Incorporated

  DZT955 Datenblatt HTML 1Page - Diodes Incorporated DZT955 Datenblatt HTML 2Page - Diodes Incorporated DZT955 Datasheet HTML 3Page - Diodes Incorporated DZT955 Datenblatt HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.001
0.01
0.1
1
10
0
50
100
150
200
250
300
350
-I , COLLECTOR CURRENT (A)
C
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0
0.1
0.2
0.3
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
-I , COLLECTOR CURRENT (A)
C
Fig. 5 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1.0
1.2
-I , COLLECTOR CURRENT (A)
C
Fig. 6 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0.001
0.01
0.1
1
10
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Output Capacitance Characteristics
10
100
1,000
0.1
1
10
100
f = 1MHz
-I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product vs. Collector Current
0
50
100
150
200
0
10
2030
40
5060
7080
90 100
V
= -10V
f = 100MHz
CE
DS31280 Rev. 2 - 2
3 of 4
www.diodes.com
DZT955
© Diodes Incorporated


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn