Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DZT953 Datasheet(Fiches technique) 3 Page - Diodes Incorporated

Numéro de pièce DZT953
Description  PNP SURFACE MOUNT TRANSISTOR
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT953 Datasheet(HTML) 3 Page - Diodes Incorporated

  DZT953_1 Datenblatt HTML 1Page - Diodes Incorporated DZT953_1 Datenblatt HTML 2Page - Diodes Incorporated DZT953_1 Datasheet HTML 3Page - Diodes Incorporated DZT953_1 Datenblatt HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
100
200
300
400
0.01
0.1
1
10
-I , COLLECTOR CURRENT(A)
C
T = 85 C
A
°
T = 150 C
A
°
T = 25 C
A
°
V
= -1V
CE
T = -55 C
A
°
Fig. 3 Typical DC Current Gain vs. Collector Current
0
0.2
0.4
0.6
0.8
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
T = 150 C
A
°
T = 85 C
A
°
I/I = 10
CB
T = -55 C
A
°
T = 25 C
A
°
Fig. 4 Collector-Emitter Saturation Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
T = -55 C
A
°
T = 150 C
A
°
T = 85 C
A
°
T = 25 C
A
°
V
= -1V
CE
Fig. 5 Base-Emitter Turn-On Voltage vs. Collector Current
-I , COLLECTOR CURRENT (A)
C
T = -55 C
A
°
T = 150 C
A
°
T = 85 C
A
°
T = 25 C
A
°
I/I = 10
CB
Fig. 6 Base-Emitter Saturation Voltage vs. Collector Current
Ordering Information (Note 5)
Device
Valid Marking Codes
Packaging
Shipping
DZT953-13
DZT953
SOT-223
2500/Tape & Reel
DZT953-13
PT06
SOT-223
2500/Tape & Reel
Notes:
5.
Packaging Details as shown on page 4, or go to our website at http://www.diodes.com/ap2007.pdf.
Marking Information
DZT953
YM
(Top View)
DZT953 or PT06= Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
DS30941 Rev. 6 - 2
3 of 4
www.diodes.com
DZT953
© Diodes Incorporated


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn