Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS84620RUQT Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS84620RUQT
Description  4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84620RUQT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS84620RUQT Datasheet HTML 3Page - Texas Instruments TPS84620RUQT Datasheet HTML 4Page - Texas Instruments TPS84620RUQT Datasheet HTML 5Page - Texas Instruments TPS84620RUQT Datasheet HTML 6Page - Texas Instruments TPS84620RUQT Datasheet HTML 7Page - Texas Instruments TPS84620RUQT Datasheet HTML 8Page - Texas Instruments TPS84620RUQT Datasheet HTML 9Page - Texas Instruments TPS84620RUQT Datasheet HTML 10Page - Texas Instruments TPS84620RUQT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
47
VOUT
45
AGND
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
AGND
RC
AGND
AGND
RC
COMP
SS/TR
STSEL
INH/UVLO
PH
PH
PH
PH
PH
INH/UVLO
RT/CLK
DNC
DNC
DNC
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
DNC
BOOT
PWRGD
PGND
PGND
46
PH
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
TPS84620
www.ti.com
SLVSA43A – OCTOBER 2010 – REVISED JANUARY 2011
PIN DESCRIPTIONS (continued)
TERMINAL
DESCRIPTION
NAME
NO.
21
24
25
26
VOUT
Output voltage. Connect output capacitors between these pins and PGND.
27
28
29
47
BOTTOM VIEW
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS84620


Numéro de pièce similaire - TPS84620RUQT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS84620EVM-692 TI1-TPS84620EVM-692 Datasheet
761Kb / 18P
[Old version datasheet]   6-A, Integrated Power Solution Evaluation Module
More results

Description similaire - TPS84620RUQT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com