Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7468 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7468
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7468 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7468 Datasheet HTML 4Page - Analog Devices AD7468 Datasheet HTML 5Page - Analog Devices AD7468 Datasheet HTML 6Page - Analog Devices AD7468 Datasheet HTML 7Page - Analog Devices AD7468 Datasheet HTML 8Page - Analog Devices AD7468 Datasheet HTML 9Page - Analog Devices AD7468 Datasheet HTML 10Page - Analog Devices AD7468 Datasheet HTML 11Page - Analog Devices AD7468 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 8 of 28
Parameter
B Version
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
1.6/3.6
V min/max
IDD
Digital inputs = 0 V or VDD
Normal Mode (Operational)
190
μA max
VDD = 3 V, fSAMPLE = 100 kSPS
155
μA max
VDD = 2.5 V, fSAMPLE = 100 kSPS
120
μA max
VDD = 1.8 V, fSAMPLE = 100 kSPS
Power-Down Mode
0.1
μA max
SCLK on or off, typically 8 nA
Power Dissipation
See the Power Consumption section
Normal Mode (Operational)
0.57
mW max
VDD = 3 V, fSAMPLE = 100 kSPS
0.4
mW max
VDD = 2.5 V, fSAMPLE = 100 kSPS
0.2
mW max
VDD = 1.8 V, fSAMPLE = 100 kSPS
Power-Down Mode
0.3
μW max
VDD = 3 V


Numéro de pièce similaire - AD7468

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7468 AD-AD7468 Datasheet
171Kb / 15P
   1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
REV. PrC 07/01
AD7468BRM AD-AD7468BRM Datasheet
171Kb / 15P
   1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
REV. PrC 07/01
AD7468BRT AD-AD7468BRT Datasheet
171Kb / 15P
   1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
REV. PrC 07/01
AD7468 AD-AD7468_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
More results

Description similaire - AD7468

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7467 AD-AD7467_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468 AD-AD7468_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7466 AD-AD7466_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
logo
Linear Technology
LTC1863L LINER-LTC1863L Datasheet
234Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
LTC1863L LINER-LTC1863L_15 Datasheet
426Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
LTC1867L LINER-LTC1867L_15 Datasheet
426Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Linear Dimensions Semic...
LTC1863LIGNPBF LINEAR_DIMENSIONS-LTC1863LIGNPBF Datasheet
239Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com