Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11824 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LB11824
Description  Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11824 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LB11824 Datasheet HTML 3Page - Sanyo Semicon Device LB11824 Datasheet HTML 4Page - Sanyo Semicon Device LB11824 Datasheet HTML 5Page - Sanyo Semicon Device LB11824 Datasheet HTML 6Page - Sanyo Semicon Device LB11824 Datasheet HTML 7Page - Sanyo Semicon Device LB11824 Datasheet HTML 8Page - Sanyo Semicon Device LB11824 Datasheet HTML 9Page - Sanyo Semicon Device LB11824 Datasheet HTML 10Page - Sanyo Semicon Device LB11824 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
No. 7107-7/17
LB11824M
Pin No.
Symbol
Pin Description
Equivalent circuit
VCC1
15
Regulated-voltage output pin (5V output)
Connect a capacitor (about 0.1µF) between this pin and
ground for stabilization.
15
VREG
Power pin (PWM oscillation, PWM comparator, VCTL amp).
Normally connect to VREG.
16
VCC2
VCC1
43k
17
18k
Voltage detection pin for low-voltage protection. To detect
the supply voltage of 5 V or more, connect the zenor diode
in series to set the detection voltage.
17
LVS
19
18
Power pin (VCC3) for use during application with the supply
voltage of 12 V or more.
12 V is generated at the 12 REG pin. To use the 12REG
pin, connect this pin to VCC1. When not used, keep both
VCC3 and 12 REG open or connect them to GND.
18
19
VCC3
12REG
VCC2
20k
20
PWM waveform comparator pin. Normally used in the open
condition. By inputting the voltage directly into this pin, the
output duty can be controlled without using the VCTL amp.
20
TOC
Continued on next page.
Continued from preceding page.


Numéro de pièce similaire - LB11824

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11820 SANYO-LB11820 Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LB11825M SANYO-LB11825M Datasheet
250Kb / 8P
   LB11825M
More results

Description similaire - LB11824

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com