Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11820M Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LB11820M
Description  Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11820M Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LB11820M Datasheet HTML 1Page - Sanyo Semicon Device LB11820M Datasheet HTML 2Page - Sanyo Semicon Device LB11820M Datasheet HTML 3Page - Sanyo Semicon Device LB11820M Datasheet HTML 4Page - Sanyo Semicon Device LB11820M Datasheet HTML 5Page - Sanyo Semicon Device LB11820M Datasheet HTML 6Page - Sanyo Semicon Device LB11820M Datasheet HTML 7Page - Sanyo Semicon Device LB11820M Datasheet HTML 8Page - Sanyo Semicon Device LB11820M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
No. 7104-4/17
LB11820M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[F/R Pin]
High-level input voltage
VIH(FR)
2.0
VREG
V
Low-level input voltage
VIL(FR)
0
1.0
V
Input open voltage
VIO(FR)
VREG – 0.5
VREG
V
Hysteresis
VIS(FR)
0.2
0.3
0.4
V
High-level input current
IIH(FR)
VF/R = VREG
–10
0
10
µA
Low-level input current
IIL(FR)
VF/R = 0 V
–130
–96
µA
[BR Pin]
High-level input voltage
VIH(BR)
2.0
VREG
V
Low-level input voltage
VIL(BR)
0
1.0
V
Input open voltage
VIO(BR)
VREG – 0.5
VREG
V
Hysteresis
VIS(BR)
0.2
0.3
0.4
V
High-level input current
IIH(BR)
VBR = VREG
–10
0
10
µA
Low-level input current
IIL(BR)
VBR = 0 V
–130
–96
µA
[REVSEL Pin]
High-level input voltage
VIH(RSEL)
2.0
VREG
V
Low-level input voltage
VIL(RSEL)
0
1.0
V
Input open voltage
VIO(RSEL)
VREG – 0.5
VREG
V
High-level input current
IIH(RSEL) VREVSEL = VREG
–10
0
10
µA
Low-level input current
IIL(RSEL)
VREVSEL = 0 V
–130
–96
µA
Continued from preceding page.


Numéro de pièce similaire - LB11820M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LB11824 SANYO-LB11824 Datasheet
178Kb / 17P
   Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
LB11824M SANYO-LB11824M Datasheet
178Kb / 17P
   Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
LB11825M SANYO-LB11825M Datasheet
250Kb / 8P
   LB11825M
More results

Description similaire - LB11820M

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TB67B001FTG TOSHIBA-TB67B001FTG Datasheet
997Kb / 37P
   Sensorless PWM Driver for 3-Phase Brushless Motors
2022-07-22 Rev.8.0
TC78B027FTG TOSHIBA-TC78B027FTG Datasheet
1Mb / 45P
   1-Hall sine-wave PWM pre-driver for 3-phase brushless DC motors
2019-09-27
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11824M SANYO-LB11824M Datasheet
178Kb / 17P
   Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
LB1670M SANYO-LB1670M Datasheet
129Kb / 5P
   Driver for Brushless, Sensorless Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com