Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS16TW-7-F Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce BAS16TW-7-F
Description  SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16TW-7-F Fiches technique(HTML) 1 Page - Diodes Incorporated

  BAS16TW-7-F Datasheet HTML 1Page - Diodes Incorporated BAS16TW-7-F Datasheet HTML 2Page - Diodes Incorporated BAS16TW-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD4148TW / BAS16TW
Document number: DS30154 Rev. 13 - 2
1 of 3
www.diodes.com
January 2009
© Diodes Incorporated
MMBD4148TW / BAS16TW
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Features
Fast Switching Speed
Ultra-Small Surface Mount Package
For General Purpose Switching Applications
High Conductance
Lead Free/RoHS Compliant (Note 3)
"Green" Device (Notes 4 and 5)
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.006 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
(Note 1)
IFM
300
mA
Average Rectified Output Current
(Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0s
IFSM
2.0
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 1)
PD
200
mW
Thermal Resistance Junction to Ambient Air
(Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage
(Note 2)
V(BR)R
75
V
IR = 1μA
Forward Voltage
VF
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current
(Note 2)
IR
1.0
50
30
25
μA
μA
μA
nA
VR = 75V
VR = 75V, TJ = 150°C
VR = 25V, TJ = 150°C
VR = 20V
Total Capacitance
CT
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
TOP VIEW
SOT-363
Internal Schematic
TOP VIEW
C
1
C
2
C
3
A
3
A
1
A
2
Please click here to visit our online spice models database.


Numéro de pièce similaire - BAS16TW-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAS16TW-7-F DIODES-BAS16TW-7-F Datasheet
354Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30154 Rev. 9 - 2
BAS16TW-7-F DIODES-BAS16TW-7-F Datasheet
213Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
More results

Description similaire - BAS16TW-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
MMBD4448HTM DIODES-MMBD4448HTM_1 Datasheet
336Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. 5 - 2
MMBD4448HTM DIODES-MMBD4448HTM Datasheet
65Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. A-2
logo
Guangdong Kexin Industr...
KAS19W KEXIN-KAS19W Datasheet
51Kb / 1P
   Surface Mount Fast Switching Diode Array
KAS16TW KEXIN-KAS16TW Datasheet
44Kb / 1P
   Surface Mount Fast Switching Diode Array
logo
Pan Jit International I...
MMBD4448W6 PANJIT-MMBD4448W6 Datasheet
240Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS16TWQ DIODES-BAS16TWQ Datasheet
206Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Comchip Technology
CDSV5-4448C2 COMCHIP-CDSV5-4448C2 Datasheet
110Kb / 2P
   Surface Mount Fast Switching Diode Array
logo
Diodes Incorporated
MMBD4448HCQW DIODES-MMBD4448HCQW_15 Datasheet
115Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
MMBD4448HTM DIODES-MMBD4448HTM_15 Datasheet
80Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Guangdong Kexin Industr...
MMBD4148TW KEXIN-MMBD4148TW Datasheet
42Kb / 2P
   Surface Mount Fast Switching Diode Array
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com