Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA9242M Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LA9242M
Description  Analog Signal Processor ASP for CD Players
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9242M Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LA9242M Datasheet HTML 5Page - Sanyo Semicon Device LA9242M Datasheet HTML 6Page - Sanyo Semicon Device LA9242M Datasheet HTML 7Page - Sanyo Semicon Device LA9242M Datasheet HTML 8Page - Sanyo Semicon Device LA9242M Datasheet HTML 9Page - Sanyo Semicon Device LA9242M Datasheet HTML 10Page - Sanyo Semicon Device LA9242M Datasheet HTML 11Page - Sanyo Semicon Device LA9242M Datasheet HTML 12Page - Sanyo Semicon Device LA9242M Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LA9242M
No.7097–9/20
11. DEFECT
The mirrored surface level is maintained by the capacitor for LF2 (pin 59) ; when a drop in the EFM signal (RFSM
output) reaches 0.35V or more, a high signal is output to DEF (pin 49). If DEF (pin 49) goes high, the tracking
servo enters THLD mode. In order to prevent the tracking servo from entering THLD mode when a defect is
detected, prevent DEFECT from being output by either shorting DEF (pin 49) to GND, or shorting LF2 (pin 59) to
GND. The DEFECT output is driven by constant current (approximately 100
µA).
12. Microcontroller interface
Because the Reset (Nothing) command initializes the LA9242M, it must be used carefully.
The LA9242M command acceptance (mode switching) timing is defined by the internal clock (4.23MHz divided to
130kHz) after the falling edge of CE (RWC) ; therefore, when commands are sent consecutively, CE must go low
for at least 10
µs. The 4.23MHz clock is required for that reason. 2BYTE-COMMAND DETECT and 2BYTE-
COMMAND RESET are used only for the purpose of masking two-byte data.
All instructions can be input by setting CE high and sending commands synchronized with the CL clock from the
microcontroller to DAT (pin 52) in LSB first format. Note that the command is executed at the falling edge of CE.
Timing
* The DSP pin names are shown in parentheses.
13. Reset circuit
The power-on reset is released when VCC exceeds approximately 2.6V.
14. Pattern design notes
To prevent signal jump-in from CV+ (pin 40) to RFSM (pin 41), a shielding line is necessary in between.
15. VCC /REF/GND/NC
VCC1 (pin 64)
: RF system
VCC2 (pin 56)
: SERVO system, DIGITAL system
AGND (pin 22)
: RF system, SERVO system
DGND (pin 45)
: DIGITAL system
NC (pin 23, 48)
: No connection
VR (pin 58)
: Refered voltage
EFM signal
LF2 (pin 59)
DEF (pin 59)
(RFSM output)
0.35V
CE(RWC)
CL(CQCK)
DAT(COIN)
LSB
MSB


Numéro de pièce similaire - LA9242M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9247T SANYO-LA9247T Datasheet
83Kb / 6P
   CD-ROM Digital Servo RF IC
More results

Description similaire - LA9242M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9220M SANYO-LA9220M Datasheet
413Kb / 21P
   Analog Signal Processing Circuit (ASP) for CD players
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9251M SANYO-LA9251M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com