Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4148WS Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce 1N4148WS
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4148WS Fiches technique(HTML) 2 Page - Diodes Incorporated

  1N4148WS_10 Datasheet HTML 1Page - Diodes Incorporated 1N4148WS_10 Datasheet HTML 2Page - Diodes Incorporated 1N4148WS_10 Datasheet HTML 3Page - Diodes Incorporated 1N4148WS_10 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4148WS / BAV16WS
Document number: DS30097 Rev. 18 - 2
2 of 4
www.diodes.com
August 2010
© Diodes Incorporated
1N4148WS / BAV16WS
0
100
0
25
50
75
125
100
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
300
200
Note 1
250
150
50
0.1
1
0.01
0.001
01.5
1.0
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0.1
1
10
100
1,000
10,000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 150ºC
A
T = 0ºC
A
0.0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
2.0
0
10
20
40
30
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
110
100
Fig. 5 Maximum Non-Repetitive Surge Current
1
10
NUMBER OF CYCLES
I
FSM
8.3ms 8.3ms
1 cyc
Fig. 6 Maximum Non-Repetitive Surge Current
1
10
0.1
1
10
100
PULSE WIDTH (ms)
IFSM
t


Numéro de pièce similaire - 1N4148WS_10

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
More results

Description similaire - 1N4148WS_10

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com