Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA8608 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LA8608
Description  1.8 V Low-Voltage Narrowband FM-IF System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8608 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LA8608 Datasheet HTML 1Page - Sanyo Semicon Device LA8608 Datasheet HTML 2Page - Sanyo Semicon Device LA8608 Datasheet HTML 3Page - Sanyo Semicon Device LA8608 Datasheet HTML 4Page - Sanyo Semicon Device LA8608 Datasheet HTML 5Page - Sanyo Semicon Device LA8608 Datasheet HTML 6Page - Sanyo Semicon Device LA8608 Datasheet HTML 7Page - Sanyo Semicon Device LA8608 Datasheet HTML 8Page - Sanyo Semicon Device LA8608 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.8 V Low-Voltage Narrowband
FM-IF System
Overview
The LA8608V is a narrowband FM-IF system intended for
communications equipment, operates at just 1.8 V, and is
contained in an ultrasmall package with a 0.65 mm pitch. In
addition to the various functions needed for reception, the
LA8608V also offers other functions such as noise detection
and electric field intensity detection, and is optimum for
compact designs, such as for cordless phones.
Functions
.
2nd mixer, 2nd local oscillator, IF amplifier, limiter,
quadrature detector, signal meter
.
Noise detector, noise amplifier, noise detector, Schmitt
trigger, comparator
Features
.
Because this IC has three independent noise detection and
amplification amplifiers, it can be used to form a secondary
biquad bandpass filter; furthermore, because it is equipped
with detector and Schmitt trigger functions, it can be easily
used for carrier sense applications.
.
Broad signal meter linearity (70 dB typ.)
.
Low operating voltage: 1.8 V to 6 V
.
Small package: SSOP-24 (0.65 mm pitch)
Package Dimensions
unit : mm
3175A-SSOP24
[LA8608V]
SANYO : SSOP24
Specifications
Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCCmax
8.0
V
Allowable power dissipation
Pd max
300
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Operating Conditions at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
3.0
V
Operating supply voltage range
VCC op
1.8 to 6.0
V
Ordering number: EN 4077A
Monolithic Linear IC
LA8608V
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
53095HA (II) - No.4077 1/14


Numéro de pièce similaire - LA8608

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
LA8606 SANYO-LA8606 Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results

Description similaire - LA8608

FabricantNo de pièceFiches techniqueDescription
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
logo
NXP Semiconductors
SA676 NXP-SA676 Datasheet
509Kb / 22P
   Low-voltage mixer FM IF system
Rev. 3-19 July 2012
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
logo
Motorola, Inc
MC3367 MOTOROLA-MC3367 Datasheet
499Kb / 9P
   LOW VOLTAGE FM NARROWBAND RECEIVER
MC3374 MOTOROLA-MC3374 Datasheet
244Kb / 8P
   Low Voltage FM Narrowband Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com