Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA8520 Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LA8520
Description  Audio Signal-Processing IC with I/O Switching
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8520 Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LA8520 Datasheet HTML 1Page - Sanyo Semicon Device LA8520 Datasheet HTML 2Page - Sanyo Semicon Device LA8520 Datasheet HTML 3Page - Sanyo Semicon Device LA8520 Datasheet HTML 4Page - Sanyo Semicon Device LA8520 Datasheet HTML 5Page - Sanyo Semicon Device LA8520 Datasheet HTML 6Page - Sanyo Semicon Device LA8520 Datasheet HTML 7Page - Sanyo Semicon Device LA8520 Datasheet HTML 8Page - Sanyo Semicon Device LA8520 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Serial Data Format
A6 to A0: Setting for the crosspoint switch and control switch address (hexadecimal
→ binary)
D:
Controls the on/off state of the crosspoint switch and control switch.
D = 1:
Crosspoint switch on, BTL amplifier on
D = 0:
Crosspoint switch off, BTL amplifier off
(The electronic volume control and attenuator can be set to either 0 or 1.)
Other addresses
Address
Mode
00
All crosspoint switches off, default settings for the control switches
3F
BTL power amplifier on (The default state is off.)
40
Electronic volume control
0 dB
← Default setting
41
Electronic volume control
–4 dB
42
Electronic volume control
–8 dB
43
Electronic volume control
–12 dB
44
Electronic volume control
–16 dB
45
Electronic volume control
–20 dB
46
Electronic volume control
–24 dB
47
Electronic volume control
–28 dB
50
Handset amplifier attenuator
0 dB
← Default setting
51
Handset amplifier attenuator
–3 dB
52
Handset amplifier attenuator
–4 dB
53
Handset amplifier attenuator
–6 dB
No. 6075-5/17
LA8520M
Address table
Input - Output
LINE
HAND
RF1
RF2
DOOR
AUX
EVR
OP
RE.
07
0D
14
21
29
2F
TR.
01
0E
15
1B
22
30
RF1
02
08
38
16
1C
23
2A
31
RF2
03
09
0F
39
1D
24
2B
32
DOOR
0A
10
17
25
2C
33
AUX
04
0B
11
18
1E
26
2D
34
MIC
05
12
19
1F
27
35
OGM
06
0C
13
1A
20
28
2E
36
OP
37


Numéro de pièce similaire - LA8520

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA8500 SANYO-LA8500 Datasheet
51Kb / 2P
   Tone Ringer
LA8501-P SANYO-LA8501-P Datasheet
51Kb / 2P
   Tone Ringer
LA8510 SANYO-LA8510 Datasheet
138Kb / 6P
   Telephonic Speech Network
LA8515N SANYO-LA8515N Datasheet
134Kb / 6P
   Telephonic Speech Network?
LA8517M SANYO-LA8517M Datasheet
504Kb / 21P
   Audio Signal Processing Circuit for Cordless Telephone Base Set Applications
More results

Description similaire - LA8520

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1201M SONY-CXA1201M Datasheet
375Kb / 18P
   VCR IMAGE I/O SIGNAL PROCESSING
logo
Sanyo Semicon Device
LA8519M SANYO-LA8519M Datasheet
317Kb / 29P
   I/O Switch/Voice Signal-Processing IC for Cordless Telephones
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
   Digital Surround Audio Signal-Processing IC
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
   Peripheral analog IC for audio signal processing
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
   Audio signal processing IC for notebook PC
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
   Audio signal processing IC for notebook PC
AN7515SH PANASONIC-AN7515SH Datasheet
314Kb / 28P
   Audio signal processing IC for notebook PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com