Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA8520 Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LA8520
Description  Audio Signal-Processing IC with I/O Switching
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8520 Fiches technique(HTML) 8 Page - Sanyo Semicon Device

Back Button LA8520 Datasheet HTML 4Page - Sanyo Semicon Device LA8520 Datasheet HTML 5Page - Sanyo Semicon Device LA8520 Datasheet HTML 6Page - Sanyo Semicon Device LA8520 Datasheet HTML 7Page - Sanyo Semicon Device LA8520 Datasheet HTML 8Page - Sanyo Semicon Device LA8520 Datasheet HTML 9Page - Sanyo Semicon Device LA8520 Datasheet HTML 10Page - Sanyo Semicon Device LA8520 Datasheet HTML 11Page - Sanyo Semicon Device LA8520 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
No. 6075-8/17
LA8520M
Pin Functions
Pin No.
Pin
Pin
Notes
Equivalent circuit
voltage (V)
RE amplifier noise filter
RE amplifier output
OGM amplifier output
OGM amplifier noise filter
Operational amplifier noise filter
Operational amplifier output
1
2
14
15
16
17
RE-NF
RE-OUT
OGM-OUT
OGM-NF
OP-NF
OP-OUT
2.25
2.25
2.25
2.25
2.25
2.25
TR amplifier output
TR amplifier minus input
TR amplifier plus input
Microphone amplifier plus input
Microphone amplifier minus input
Microphone amplifier output
3
4
5
11
12
13
TR-OUT
TR-NIN
TR-PIN
MIC-PIN
MIC-NIN
MIC-OUT
2.25
2.25
2.25
2.25
2.25
2.25
RF1 input
RF2 input
Auxiliary input
6
7
9
RF1-IN
RF2-IN
AUX-IN
2.25
2.25
2.25
Door phone input
8
DR-IN
2.25
Continued on next page.
Unit (resistance:
Ω)


Numéro de pièce similaire - LA8520

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA8500 SANYO-LA8500 Datasheet
51Kb / 2P
   Tone Ringer
LA8501-P SANYO-LA8501-P Datasheet
51Kb / 2P
   Tone Ringer
LA8510 SANYO-LA8510 Datasheet
138Kb / 6P
   Telephonic Speech Network
LA8515N SANYO-LA8515N Datasheet
134Kb / 6P
   Telephonic Speech Network?
LA8517M SANYO-LA8517M Datasheet
504Kb / 21P
   Audio Signal Processing Circuit for Cordless Telephone Base Set Applications
More results

Description similaire - LA8520

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1201M SONY-CXA1201M Datasheet
375Kb / 18P
   VCR IMAGE I/O SIGNAL PROCESSING
logo
Sanyo Semicon Device
LA8519M SANYO-LA8519M Datasheet
317Kb / 29P
   I/O Switch/Voice Signal-Processing IC for Cordless Telephones
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
   Digital Surround Audio Signal-Processing IC
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
   Peripheral analog IC for audio signal processing
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
   Audio signal processing IC for notebook PC
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
   Audio signal processing IC for notebook PC
AN7515SH PANASONIC-AN7515SH Datasheet
314Kb / 28P
   Audio signal processing IC for notebook PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com