Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA7975 Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LA7975
Description  PAL SIF Converter Circuit for TV and VCR Multi-system
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7975 Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LA7975 Datasheet HTML 1Page - Sanyo Semicon Device LA7975 Datasheet HTML 2Page - Sanyo Semicon Device LA7975 Datasheet HTML 3Page - Sanyo Semicon Device LA7975 Datasheet HTML 4Page - Sanyo Semicon Device LA7975 Datasheet HTML 5Page - Sanyo Semicon Device LA7975 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Operating Characteristics at Ta = 25°C, VCC =9 V
Parameter
Symbol
Conditions
Test point
min
typ
max
Unit
Current drain
ICC
Pin 2
5
6.5
9
mA
Conversion gain
5.5 MHz
G5.5
80 dB/µV input
Pin 5
10
13.5
17
dB
6.5 MHz
G6.5
80 dB/µV input
Pin 5
10
13.5
17
dB
6.0 MHz
G6.0
80 dB/µV input, Pin 4
grounded with 10 k
Pin 5
18.5
22
25.5
dB
Oscillation level
VOSC
Pin 4
15
36
80
mVp-p
Maximum output level
VO max
5.5 MHz 100 dB/µV input
Pin 5
109
112
115
dB/µV
Input impedance
Ri
5.5 MHz input
4.8
k
Pin voltages
V1
Pin 1
2.6
3
3.4
V
V4
Pin 4
7.6
8
8.4
V
V5
Pin 5
7.2
7.6
8
V
500 kHz level difference
relative to 6 MHz
OSC leak
Pin 5
30
44
dB
Maximum input level
VIN max
90
dB/µV
Oscillation stop current
I4
Pin 4
300
µA
Sample Application Circuit
Unit (resistance:
Ω, capacitance: F)
Oscillator
500 kHz CSB503E5
Murata Industries, Ltd.
1.5 MHz CSA1.500MK2
Murata Industries, Ltd.
500 kHz EFOA500K04S
Matsushita Electric, Ltd.
LA7975
No.3994-2/6


Numéro de pièce similaire - LA7975

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA7976 SANYO-LA7976 Datasheet
54Kb / 5P
   PAL SIF Converter Circuit for TV and VCR Multi-system
More results

Description similaire - LA7975

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA7976 SANYO-LA7976 Datasheet
54Kb / 5P
   PAL SIF Converter Circuit for TV and VCR Multi-system
logo
Toshiba Semiconductor
TA8865BN TOSHIBA-TA8865BN Datasheet
1Mb / 27P
   PLL MULTI PIF/SIF SYSTEM FOR COLOR TV AND VCR
logo
NTE Electronics
NTE1827 NTE-NTE1827 Datasheet
26Kb / 2P
   Integrated Circuit VIF & SIF Circuit for TV/VCR
logo
Sanyo Semicon Device
LA7567EV SANYO-LA7567EV Datasheet
214Kb / 21P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
logo
NTE Electronics
NTE7015 NTE-NTE7015 Datasheet
86Kb / 4P
   Integrated Circuit PLL SIF & VIF for TV & VCR
logo
Sanyo Semicon Device
LA7567N SANYO-LA7567N Datasheet
277Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
LA7565E SANYO-LA7565E Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com