Moteur de recherche de fiches techniques de composants électroniques |
|
DZ23C5V6 Fiches technique(PDF) 4 Page - Diodes Incorporated |
|
DZ23C5V6 Fiches technique(HTML) 4 Page - Diodes Incorporated |
4 / 5 page DZ23C2V7 - DZ23C51 Document number: DS18002 Rev. 18 - 2 4 of 5 www.diodes.com April 2010 © Diodes Incorporated DZ23C2V7 - DZ23C51 Ordering Information (Note 6) Device Packaging Shipping (Type Number)-7-F* SOT-23 3000/Tape & Reel *Add “-7-F” to the appropriate type number in Electrical Characteristics Table on Page 2. Example: 6.2V Zener = DZ23C6V2-7-F. Notes: 6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information Date Code Key Year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 Code J K L M N P R S T U V W X Y Z Month Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D Package Outline Dimensions Suggested Pad Layout SOT-23 Dim Min Max Typ A 0.37 0.51 0.40 B 1.20 1.40 1.30 C 2.30 2.50 2.40 D 0.89 1.03 0.915 F 0.45 0.60 0.535 G 1.78 2.05 1.83 H 2.80 3.00 2.90 J 0.013 0.10 0.05 K 0.903 1.10 1.00 K1 - - 0.400 L 0.45 0.61 0.55 M 0.085 0.18 0.11 α 0° 8° - All Dimensions in mm Dimensions Value (in mm) Z 2.9 X 0.8 Y 0.9 C 2.0 E 1.35 xxx = Product Type Marking Code (See Electrical Characteristics Table) YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September) xxx A M J L D F B C H K G K1 X E Y C Z |
Numéro de pièce similaire - DZ23C5V6 |
|
Description similaire - DZ23C5V6 |