Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA406A Fiches technique(PDF) 1 Page - Sanken electric

No de pièce STA406A
Description  NPN Darlington With built-in avalanche diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA406A Fiches technique(HTML) 1 Page - Sanken electric

  STA406A_06 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
165
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
60
±10
V
VCEO
60
±10
V
VEBO
6V
IC
6A
IB
1A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
10
µAVCB=50V
IEBO
10
mA
VEB=6V
VCEO
50
60
70
V
IC=50mA
hFE
2000
15000
VCE=2V, IC=3A
VCE(sat)
1.5
V
VBE(sat)
2.0
V
ES/B
200
mJ
VCC
20V, L=10mH, IC=6.4A
Specification
min
typ
max
PT
W
STA406A
IC=3A, IB=10mA
R1: 3k
Ω typ R2: 150Ω typ
2
1
3
R1
R2
4
5
6
7
8
9
10
6
0
1
2
3
4
5
01
23
4
5
6
VCE (V)
1mA
0.8mA
0.6mA
0.4mA
1.5mA
IB=10mA
20000
10000
5000
1000
500
100
50
30
0.03 0.05
0.1
0.5
1
5 6
typ
IC (A)
(VCE=2V)
500
100
50
30
0.03 0.05
0.1
0.5
1
5 6
IC (A)
(VCE=2V)
Ta
=1
25
°C
75
°C
25
°C
–3
C
1000
5000
10000
20000
3
2
1
0
0.3
0.5
1
5 6
IC (A)
(IC / IB=1000)
125
°C
Ta=–30
°C
25
°C
75
°C
3
2
1
0
0.1
0.5
1
5
10
50
100
IC=6A
IC=3A
IC=1A
IB (mA)
6
1
2
3
4
5
0
123
VBE (V)
0
(VCE=2V)
20
10
5
1
0.5
PW (mS)
1
5
10
50
100
500 1000
–40
0
50
100
150
20
16
12
8.0
4.0
0
Ta (
°C)
24
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
With Infinite Heatsink
100
×100×2
50
×50×2
25
×50×2
Without Heatsink
20
0.05
0.1
0.5
1
5
10
3
5
10
50
100
1m
s
10ms
VCE (V)
Single Pulse
Without Heatsink
Ta=25
°C
NPN Darlington
With built-in avalanche diode
Absolute maximum ratings
External dimensions D • • • STA (10-pin)
sEquivalent circuit diagram
Electrical characteristics


Numéro de pièce similaire - STA406A_06

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
STA406A SANKEN-STA406A Datasheet
22Kb / 1P
   NPN Darlington With built-in avalanche diode
STA406A SANKEN-STA406A Datasheet
36Kb / 1P
   NPN Darlington With built-in avalanche diode
More results

Description similaire - STA406A_06

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SDC04 SANKEN-SDC04 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA301A SANKEN-STA301A_06 Datasheet
33Kb / 1P
   NPN Darlington With built-in avalanche diode
STA475A SANKEN-STA475A_06 Datasheet
39Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA471A SANKEN-STA471A Datasheet
24Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03_01 Datasheet
35Kb / 1P
   NPN Darlington With built-in avalanche diode
STA371A SANKEN-STA371A Datasheet
23Kb / 1P
   NPN Darlington With built-in avalanche diode
STA401A SANKEN-STA401A Datasheet
22Kb / 1P
   NPN Darlington With built-in avalanche diode
STA435A SANKEN-STA435A Datasheet
22Kb / 1P
   NPN Darlington With built-in avalanche diode
STA460C SANKEN-STA460C Datasheet
19Kb / 1P
   NPN Darlington With built-in avalanche diode
STA481A SANKEN-STA481A Datasheet
23Kb / 1P
   NPN Darlington With built-in avalanche diode
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com