Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5343 Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce FAN5343
Description  6-LED Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5343 Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5343 Datasheet HTML 3Page - Fairchild Semiconductor FAN5343 Datasheet HTML 4Page - Fairchild Semiconductor FAN5343 Datasheet HTML 5Page - Fairchild Semiconductor FAN5343 Datasheet HTML 6Page - Fairchild Semiconductor FAN5343 Datasheet HTML 7Page - Fairchild Semiconductor FAN5343 Datasheet HTML 8Page - Fairchild Semiconductor FAN5343 Datasheet HTML 9Page - Fairchild Semiconductor FAN5343 Datasheet HTML 10Page - Fairchild Semiconductor FAN5343 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5343 • Rev. 1.0.4
9
Application Information
Inductor and Output Capacitor Selection
Table 1.
Recommended External Components
# of LEDs
L
Part Number
Manufacturer
Min. COUT
Part Number
Manufacturer
5, 6
10.0µH
LQH43MN100K03
Murata
1.00µF
UMK212BJ105KG
Taiyo Yuden
NLCV32T-100K-PFR
TDK
VLF3010AT-100MR49-1
TDK
Component Placement and PCB Recomendations
Figure 15. Recommended Component Placement
Input Capacitance
In a typical application, the input and output capacitors
should be placed as close to the IC as possible; no
additional capacitance is needed to ensure proper
functionality. However, in a testing environment, where the
FAN5343 is typically powered by a power supply with
relatively long cables, an additional input capacitor (10µF)
may be needed to ensure stable functioning. This
capacitor should be placed close to where the power
supply cables attach to the FAN5343 evaluation board.
PCB Recommendations
The inductor can be connected to VIN with vias through
another layer if needed.
The feedback pin should be connected back to the IC
on a sub-layer.


Numéro de pièce similaire - FAN5343

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340MPX FAIRCHILD-FAN5340MPX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340UCX FAIRCHILD-FAN5340UCX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results

Description similaire - FAN5343

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
   Series Boost LED Driver with Single-Wire Digital Interface
logo
Linear Technology
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
   LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com