Moteur de recherche de fiches techniques de composants électroniques |
|
SMA6863M Fiches technique(PDF) 10 Page - Sanken electric |
|
SMA6863M Fiches technique(HTML) 10 Page - Sanken electric |
10 / 17 page Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com High Voltage 3-Phase Motor Drivers 10 SMA6860M Series 1 3 5 7 9 11 131517192123 2 4 6 8 10 12 14 16 18 20 22 24 Chamfer Side Leadform 2452 Leadform 2451 Chamfer on Opposite Side 13579 11 13 15 17 19 21 23 2468 10 12 14 16 18 20 22 24 Pin-out Diagrams Terminal List Table Number Name Function 1 VB1 High side bootstrap terminal (U phase) 2 VB2 High side bootstrap terminal (V phase) 3 VB3 High side bootstrap terminal (W phase) 4 VCC1 High side logic supply voltage 5 SD1 High side shutdown input and UVLO fault signal output 6 COM1 High side logic GND terminal 7 HIN3 High side input terminal (W phase) 8 HIN2 High side input terminal (V phase) 9 HIN1 High side input terminal (U phase) 10 VBB Main supply voltage 11 W1 Output of W phase (connect to W2 externally) 12 V Output of V phase 13 W2 Output of W phase (connect to W1 externally) 14 LS2 Low side source terminal (connect to LS1 externally) 15 RC Overcurrent protection hold time adjustment input terminal 16 LS1 Low side source terminal (connect to LS2 externally) 17 OCL Output for overcurrent limiting 18 LIN3 Low side input terminal (W phase) 19 LIN2 Low side input terminal (V phase) 20 LIN1 Low side input terminal (U phase) 21 COM2 Low side GND terminal 22 SD2 Low side shutdown input and overtemperature, overcurrent, and UVLO fault signals output 23 VCC2 Low side logic supply voltage 24 U Output of U phase |
Numéro de pièce similaire - SMA6863M |
|
Description similaire - SMA6863M |