Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA7642N Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LA7642N
Description  SECAM Format Color TV Chrominance Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7642N Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LA7642N Datasheet HTML 1Page - Sanyo Semicon Device LA7642N Datasheet HTML 2Page - Sanyo Semicon Device LA7642N Datasheet HTML 3Page - Sanyo Semicon Device LA7642N Datasheet HTML 4Page - Sanyo Semicon Device LA7642N Datasheet HTML 5Page - Sanyo Semicon Device LA7642N Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
No. 5693-4/6
LA7642N
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input a signal to which a 63-kHz modulation
has been applied to pin 14 and measure the
pin 6 R-Y amplitude Vron (V p-p) when pre-
De-emphasis 63k R-Y
DE63R
emphasis is on. Next, turn off preemphasis,
–1.0
–2.6
–4.0
dB
measure the pin 6 R-Y amplitude Vroff
(V p-p), and calculate DE63R from the
following formula.
DE63R = 20
× log (Vroff/Vron) (dB)
Input a signal to which a 250-kHz modulation
has been applied to pin 14 and measure the
pin 7 B-Y amplitude Vbon (V p-p) when pre-
De-emphasis 250k B-Y
DE250B
emphasis is on. Next, turn off preemphasis,
–4.5
–7.0
–9.5
dB
measure the pin 7 B-Y amplitude Vboff
(V p-p), and calculate DE250B from the
following formula.
DE250B = 20
× log (Vboff/Vbon) (dB)
Input a signal to which a 250-kHz modulation
has been applied to pin 14 and measure the
pin 6 R-Y amplitude Vron (V p-p) when pre-
De-emphasis 250k R-Y
DE250R
emphasis is on. Next, turn off preemphasis,
–6.5
–9.0
–11.5
dB
measure the pin 6 R-Y amplitude Vroff
(V p-p), and calculate DE250R from the
following formula.
DE250R = 20
× log (Vroff/Vron) (dB)
[Sandcastle Pulse]
Apply at least 16 pulses with an amplitude of
0 V to VCC and then take the following
V threshold voltage
VBLK
measurement. Apply a DC voltage to pin 10
1.0
1.3
1.6
V
and slowly increase this voltage starting at
0 V. Measure the DC voltage applied to pin
at the point the pin 3 DC voltage exceeds 3 V.
Apply at least 16 pulses with an amplitude of
0 V to VCC and then take the following
measurement. Apply a pulse signal with a
12-µs high period and a 52-µs low period
H threshold voltage
HBLK
(for a 64-µs cycle) and slowly increase the
2.5
3.0
3.5
V
amplitude of that signal starting at 0. Measure
the wave height of that pulse signal at the
point the pin 7 (B-Y) DC voltage exceeds
VBYBLK + 100 mV.
Apply at least 16 pulses with an amplitude of
0 V to VCC and then take the following
measurement. Apply a pulse signal with a
12-µs high period and a 52-µs low period
BGP threshold voltage
BGP
(for a 64-µs cycle) and slowly increase the
4.5
5.0
5.5
V
amplitude of that signal starting at 0. Measure
the wave height of that pulse signal at the
point the pin 4 (IDF) DC voltage becomes
higher than it was at the point the pulse signal
wave height was 0.
[System Switching]
Slowly increase the pin 12 DC voltage from
SECAM threshold voltage 1
SESWLO 0 V and measure that voltage at the point
1.0
1.3
1.6
V
the mode switches to a non-SECAM mode.
Slowly increase the pin 12 DC voltage from
SECAM threshold voltage 2
SESWHI
3 V and measure that voltage at the point
3.6
3.9
4.3
V
the mode switches to SECAM mode.
[Killer Output: Pin 13]
Killer on output level
VKILON
Measure the pin 13 voltage when the killer
0.0
0.2
0.5
V
circuit is on.
Killer off output level
VKILOF
Measure the pin 13 voltage when the killer
7.3
7.8
7.8
V
circuit is off.
[Reference Frequency Input Block]
Measure the variation in the pin 5 DC voltage
4.00-MHz input level variations 1
V5DS4
when the 4.00-MHz input level is changed
–50
0
+50
mV
from 200 mV p-p to 100 mV p-p.
Continued from preceding page.


Numéro de pièce similaire - LA7642N

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA7640N SANYO-LA7640N Datasheet
123Kb / 5P
   Chroma Circuit for SECAM-system Color Television Sets
More results

Description similaire - LA7642N

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN5630N PANASONIC-AN5630N Datasheet
310Kb / 5P
   SECAM SYSTEM COLOR TV CHROMINANCE SIGNAL PROCESSING CIRCUIT
AN5635N PANASONIC-AN5635N Datasheet
257Kb / 4P
   CHROMINANCE SIGNAL PROCESSING ICS FOR SECAM SYSTEM COLOR TV
AN5622 PANASONIC-AN5622 Datasheet
344Kb / 6P
   PAL System Color TV Chrominance Signal Processing Circuit
logo
NTE Electronics
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
NTE1416 NTE-NTE1416 Datasheet
36Kb / 5P
   Integrated Circuit Chrominance and Luminance Processor for NTSC Color TV
logo
Sanyo Semicon Device
LA7337 SANYO-LA7337 Datasheet
123Kb / 7P
   SECAM-Format VCR Chroma Signal-Processing Circuit
logo
List of Unclassifed Man...
AN5310 ETC1-AN5310 Datasheet
168Kb / 5P
   Color TV Video and Chrominance Signal Processing Circuits
TCA640 ETC1-TCA640 Datasheet
331Kb / 8P
   CHROMINANCE AMPLIFIER FOR SECAM OR PAL / SECAM DECODERS
TCA650 ETC-TCA650 Datasheet
317Kb / 8P
   CHROMINANCE DEMODULATOR FOR SECAM OR PAL / SECAM DECODERS
logo
Panasonic Semiconductor
AN5612 PANASONIC-AN5612 Datasheet
331Kb / 3P
   Video Signal, Chrominance Signal Processing ICs for Color TV
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com