Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC2881 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce 2SC2881
Description  Voltage Amplifier Applications Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2881 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  2SC2881_04 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2881_04 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2881_04 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2881_04 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC2881
2004-07-07
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 120 V, IE = 0
0.1
µA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
0.1
µA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
120
V
Emitter-base breakdown voltage
V (BR) EBO
IE = 1 mA, IC = 0
5
V
DC current gain
hFE
(Note 2)
VCE = 5 V, IC = 100 mA
80
240
Collector-emitter saturation voltage
VCE (sat)
IC = 500 mA, IB = 50 mA
1.0
V
Base-emitter voltage
VBE
VCE = 5 V, IC = 500 mA
1.0
V
Transition frequency
fT
VCE = 5 V, IC = 100 mA
120
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
30
pF
Note 2: hFE classification O: 80 to 160, Y: 120 to 240
Marking
C
Part No. (or abbreviation code)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics indicator


Numéro de pièce similaire - 2SC2881_04

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SC2881-HF KEXIN-2SC2881-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
Micro Commercial Compon...
2SC2881-O MCC-2SC2881-O Datasheet
239Kb / 3P
   NPN Silicon Power Transistors
logo
Guangdong Kexin Industr...
2SC2881-O KEXIN-2SC2881-O Datasheet
849Kb / 2P
   NPN Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC2881-O YFWDIODE-2SC2881-O Datasheet
521Kb / 3P
   NPN Transistors
logo
Micro Commercial Compon...
2SC2881-O MCC-2SC2881-O_13 Datasheet
268Kb / 3P
   NPN Silicon Power Transistors
More results

Description similaire - 2SC2881_04

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA817A TOSHIBA-2SA817A_07 Datasheet
122Kb / 4P
   Driver-Stage Amplifier Applications Voltage Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1201 KEXIN-2SA1201 Datasheet
366Kb / 2P
   Voltage Amplifier Applications
logo
SHIKUES Electronics
2SC2881 SKTECHNOLGY-2SC2881 Datasheet
381Kb / 2P
   Voltage Amplifier Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com