Moteur de recherche de fiches techniques de composants électroniques |
|
744770933 Fiches technique(PDF) 5 Page - Diodes Incorporated |
|
744770933 Fiches technique(HTML) 5 Page - Diodes Incorporated |
5 / 33 page ZXLD1370 ZXLD1370 Document number: DS32165 Rev. 2 - 2 5 of 33 www.diodes.com May 2010 © Diodes Incorporated A Product Line of Diodes Incorporated Electrical Characteristics (Test conditions: VIN = VAUX = 12V, TA = 25°C, unless otherwise specified.) Symbol Parameter Conditions Min Typ Max Units Output Parameters VFLAGL FLAG pin low level output voltage Output sinking 1mA 0.5 V IFLAGOFF FLAG pin open-drain leakage current VFLAG=40V 1 µA VSTATUS STATUS Flag no-load output voltage (Note 5) Normal operation 4.2 4.5 4.8 V Out of regulation (VSHP out of range) (Note 6) 3.3 3.6 3.9 VIN under-voltage (VIN < 5.6V) 3.3 3.6 3.9 Switch stalled (tON or tOFF> 100µs) 3.3 3.6 3.9 Over-temperature (TJ > 125°C) 1.5 1.8 2.1 Excess sense resistor current (VSENSE > 0.32V) 0.6 0.9 1.2 RSTATUS Output impedance of STATUS output Normal operation 10 k Ω Driver output (PIN GATE) VGATEH High level output voltage No load Sourcing 1mA (Note 7) 10 11 V VGATEL Low level output voltage Sinking 1mA, (Note 8) 0.5 V VGATECL High level GATE CLAMP voltage VIN = VAU X= VISM = 18V IGATE = 1mA 12.8 15 V IGATE Dynamic peak current available during rise or fall of output voltage Charging or discharging gate of external switch with QG = 10nC and 400kHz ±300 mA tSTALL Time to assert ‘STALL’ flag and warning on STATUS output (Note 9) GATE low or high 100 170 µs LED Thermal control circuit (TADJ) parameters VTADJH Upper threshold voltage Onset of output current reduction (VTADJ falling) 560 625 690 mV VTADJL Lower threshold voltage Output current reduced to <10% of set value (VTADJ falling) 380 440 500 mV ITADJ TADJ pin Input current VTADJ = 1.25V 1 µA Notes: 5. In the event of more than one fault/warning condition occurring, the higher priority condition will take precedence. E.g. ‘Excessive coil current’ and ‘Out of regulation’ occurring together will produce an output of 0.9V on the STATUS pin. The voltage levels on the STATUS output assume the Internal regulator to be in regulation and VADJ<=VREF. A reduction of the voltage on the STATUS pin will occur when the voltage on VIN is near the minimum value of 6V. 6. Flag is asserted if VSHP<2.5V or VSHP>3.5V 7. GATE is switched to the supply voltage VAUX for low values of VAUX (i.e. between 6V and approximately 12V). For VAUX>12V, GATE is clamped internally to prevent it exceeding 15V. 8. GATE is switched to PGND by an NMOS transistor 9. If tON exceeds tSTALL, the device will force GATE low to turn off the external switch and then initiate a restart cycle. During this phase, ADJ is grounded internally and the SHP pin is switched to its nominal operating voltage, before operation is allowed to resume. Restart cycles will be repeated automatically until the operating conditions are such that normal operation can be sustained. If tOFF exceeds tSTALL, the switch will remain off until normal operation is possible. |
Numéro de pièce similaire - 744770933 |
|
Description similaire - 744770933 |