Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6542M Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LA6542M
Description  4-Channel Bridge (BTL) Driver for CD-ROM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6542M Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LA6542M Datasheet HTML 1Page - Sanyo Semicon Device LA6542M Datasheet HTML 2Page - Sanyo Semicon Device LA6542M Datasheet HTML 3Page - Sanyo Semicon Device LA6542M Datasheet HTML 4Page - Sanyo Semicon Device LA6542M Datasheet HTML 5Page - Sanyo Semicon Device LA6542M Datasheet HTML 6Page - Sanyo Semicon Device LA6542M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LA6542M
No. 5717-4/7
Pin number
Pin name
Equivalent circuit
Pin function
1, 2
17, 18
Substrate
19, 20
(minimum potential)
35, 36
7, 9
Input pins for CH1 and CH2
11, 13
Input pins for CH3 and CH4
8, 10
VG1, VG2
Input pins for CH1 and CH2 (for gain adjustment)
12, 14
VG3, VG4
Input pins for CH3 and CH4 (for gain adjustment)
16
Power supply
22
Level shift circuit reference voltage
3
OP amp output
4
OP amp inverted input
5
OP amp non-inverted input
6
MUTE1
CH1, CH2 output ON/OFF
15
MUTE2
CH3, CH4 output ON/OFF
21
Level shift circuit reference voltage input
23
CH4 inverted output (AMP8 output)
24
CH4 non-inverted output (AMP7 output)
26
CH3 inverted output (AMP6 output)
27
CH3 non-inverted output (AMP5 output)
28
CH2 inverted output (AMP4 output)
29
CH2 non-inverted output (AMP3 output)
31
CH1 inverted output (AMP2 output)
32
CH1 non-inverted output (AMP1 output)
25
CH3 (AMP5, AMP6), CH4 (AMP7, AMP8)
output stage power supply
30
CH1 (AMP1, AMP2), CH2 (AMP3, AMP4)
output stage power supply
33
Output stage reference voltage
34
Connect to VS1, VS2 (resistance split) to
generate
R F
Pin Function
*See block diagram on next page.
VIN1, VIN2
VCC
VO2
VO3
VO1
VO4
VO6
VO7
VO5
VO8
VREFOUT
VOUT
VS1
VSS-OUT
VIN+
VS2
VIN-
(VREF1 buffer amplifier output*)
(VSS1/2: typ)
(VREF2 buffer amplifier output*)
(VREF buffer amplifier input*)
VIN3, VIN4
VREFIN
VSS
VSSOUT
A
GND
VREF OUT
A11136
VIN
7
11
13
9
VG
8
1
2
20
17
35
18
36
19
12
14
22
10
VCC
16
A11138
MUTE1, 2
To bias circuit
GND
VCC
16
6
15
1
19 20 35 36
2 17 18
GND
VO
A11137
VCC
16
1
23
26
31
27
28
32
24
29
19 20 35 36
2 17 18


Numéro de pièce similaire - LA6542M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6540 SANYO-LA6540 Datasheet
76Kb / 4P
   4-output Power Operational Amplifier
LA6540M SANYO-LA6540M Datasheet
76Kb / 4P
   4-output Power Operational Amplifier
LA6541 SANYO-LA6541 Datasheet
91Kb / 6P
   4-channel Bridge Driver for Compact Discs
LA6541D SANYO-LA6541D Datasheet
80Kb / 7P
   4-channel Bridge Driver for Compact Discs
LA6541ND SANYO-LA6541ND Datasheet
78Kb / 9P
   Monolithic Linear IC For CD Players and Recorders Four-Channel Driver IC
More results

Description similaire - LA6542M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6543M SANYO-LA6543M Datasheet
75Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6545M SANYO-LA6545M Datasheet
62Kb / 7P
   Four-Channel Bridge (BTL) Driver for CD-ROM
LA6544M SANYO-LA6544M Datasheet
61Kb / 7P
   Four-Channel Bridge (BTL) Driver for CD-ROM
logo
Aimtron Technology
AT5683 AIMTRON-AT5683 Datasheet
227Kb / 6P
   4-channel BTL Motor Driver for CD/CD-ROM
logo
Sanyo Semicon Device
LA6539M SANYO-LA6539M Datasheet
137Kb / 4P
   Three-Channel CD-ROM Bridge Driver BTL
logo
List of Unclassifed Man...
AT5654 ETC1-AT5654 Datasheet
564Kb / 12P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM
W43023 ETC2-W43023 Datasheet
518Kb / 9P
   4-Channel BTL Motor Driver for CD-ROM
logo
Ceramate Technical
CMD5954 CERAMATE-CMD5954 Datasheet
768Kb / 9P
   4-Channel BTL Motor Driver for CD-ROM
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com