Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G02W5 Fiches technique(PDF) 9 Page - Diodes Incorporated

No de pièce 74LVC1G02W5
Description  SINGLE 2 INPUT POSITIVE NOR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G02W5 Fiches technique(HTML) 9 Page - Diodes Incorporated

Back Button 74LVC1G02W5 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 12Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74LVC1G02
SINGLE 2 INPUT POSITIVE NOR GATE
74LVC1G02
Document number: DS32197 Rev. 2 - 2
9 of 14
www.diodes.com
October 2010
© Diodes Incorporated
Ordering Information
74LVC1G 02 XXX - 7
W5 : SOT25
Function
Package
7 : Tape & Reel
Packing
02 : 2-Input
NOR-Gate
SE : SOT353
Logic Device
74 : Logic Prefix
LVC : 1.65 to 5.5V
Family
1G : One gate
FZ4 : DFN1410
Device
Package
Code
Packaging
(Note 6)
7” Tape and Reel
Quantity
Part Number Suffix
74LVC1G02W5-7
W5
SOT25
3000/Tape & Reel
-7
74LVC1G02SE-7
SE
SOT353
3000/Tape & Reel
-7
74LVC1G02 FZ4-7
FZ4
DFN1410
5000/Tape & Reel
-7
Notes:
6. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Numéro de pièce similaire - 74LVC1G02W5

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVC1G02W5 DIODES-74LVC1G02W5 Datasheet
200Kb / 11P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 1 - 2
74LVC1G02W5-7 DIODES-74LVC1G02W5-7 Datasheet
200Kb / 11P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 1 - 2
More results

Description similaire - 74LVC1G02W5

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com