Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA5616 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LA5616
Description  Microprocessor-Controlled Audio Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5616 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LA5616 Datasheet HTML 1Page - Sanyo Semicon Device LA5616 Datasheet HTML 2Page - Sanyo Semicon Device LA5616 Datasheet HTML 3Page - Sanyo Semicon Device LA5616 Datasheet HTML 4Page - Sanyo Semicon Device LA5616 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Application Circuit Example
No. 5286-4/5
LA5616
Note: 1. The capacitors Cn and CRES are only needed when external noise is a problem.
If these capacitors are used, then capacitor Co must have a value at least 1/3 that of capacitor CIN.
A certain amount of noise may occur when VIN goes off due to differences in discharge timings between the
capacitors.
2. A capacitor with a low temperature dependence must be used for the delay capacitor Cd.
3. The minimum value for the output capacitor Co is 47 µF.
4. The input voltages must obey the relationship VIN1 ≤ VIN2, and must be brought up at the same time.
Function Table
Enable Input Equivalent Circuit
Note: Open is also possible for the VEN1 = VEN2 = high state.
(EN1, EN2 is independent.)
EN1, EN2
VO1
L
L
H
H


Numéro de pièce similaire - LA5616

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
LA5612 SANYO-LA5612 Datasheet
59Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
LA5613 SANYO-LA5613 Datasheet
59Kb / 4P
   VCR Regulator and Control Amplifier
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
   Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
LA5617 SANYO-LA5617 Datasheet
43Kb / 4P
   Multi-System Power Supply for Audio Equipment
More results

Description similaire - LA5616

FabricantNo de pièceFiches techniqueDescription
logo
High Voltage Power Solu...
SPL-I-AC-30N50 HVPSI-SPL-I-AC-30N50 Datasheet
352Kb / 2P
   Microprocessor-Controlled Industrial Power Supply
SPL-A-AC-15N50 HVPSI-SPL-A-AC-15N50 Datasheet
304Kb / 2P
   Microprocessor-Controlled Air Ionizer Power Supply
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
LM2984C NSC-LM2984C Datasheet
284Kb / 14P
   LM2984C Microprocessor Power Supply System
logo
Motorola, Inc
TCA5600 MOTOROLA-TCA5600 Datasheet
206Kb / 12P
   UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS
logo
Texas Instruments
LM2984C TI-LM2984C_15 Datasheet
275Kb / 16P
[Old version datasheet]   LM2984C Microprocessor Power Supply System
UCC3830- TI-UCC3830- Datasheet
419Kb / 10P
[Old version datasheet]   5-Bit Microprocessor Power Supply Controller
logo
ON Semiconductor
CAT811 ONSEMI-CAT811_15 Datasheet
78Kb / 9P
   4-Pin Microprocessor Power Supply Supervisor
July, 2015 ??Rev. 3
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
logo
Catalyst Semiconductor
CAT809 CATALYST-CAT809 Datasheet
62Kb / 13P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com