Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA4905 Datasheet(Fiches technique) 4 Page - Sanyo Semicon Device

Numéro de pièce LA4905
Description  17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4905 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA4905 Datenblatt HTML 1Page - Sanyo Semicon Device LA4905 Datenblatt HTML 2Page - Sanyo Semicon Device LA4905 Datenblatt HTML 3Page - Sanyo Semicon Device LA4905 Datasheet HTML 4Page - Sanyo Semicon Device LA4905 Datenblatt HTML 5Page - Sanyo Semicon Device LA4905 Datenblatt HTML 6Page - Sanyo Semicon Device LA4905 Datenblatt HTML 7Page - Sanyo Semicon Device LA4905 Datenblatt HTML 8Page - Sanyo Semicon Device LA4905 Datenblatt HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Equivalent Circuit Block Diagram
No. 5504-4/10
LA4905
Pin No.
1
2
3
4
5
6
7
8
Pin
IN2
Pre-GND
IN1
BEEP
PWR-GND 1
–OUT1
+OUT1
C
Pin voltage (V)
1.36
0
1.36
1.36
0
2.03
2.03
13.0
Pin No.
9
10
11
12
13
14
15
16
Pin
C
VCC
VCC (SW)
SW OUT 1
SW OUT 2
SW E
SW B
SW-GND
Pin voltage (V)
3.92
13.2
13.2
3.70
3.70
3.73
4.0
0
Pin No.
17
18
19
20
21
22
23
Pin
+OUT 2
–OUT 2
PWR-GND 2
D. C
STAND-BY
N. C
ON-TIME
Pin voltage (V)
2.03
2.03
0
12.1
3.21
0
2.81
Pin Voltages VCC = 13.2 V, 5 V applied to STBY through a 10-kΩ resistor, using a digital voltmeter


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn